Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCE16A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LCE16A
Description  1500W Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LCE16A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LCE16A Datasheet HTML 1Page - TAITRON Components Incorporated LCE16A Datasheet HTML 2Page - TAITRON Components Incorporated LCE16A Datasheet HTML 3Page - TAITRON Components Incorporated LCE16A Datasheet HTML 4Page - TAITRON Components Incorporated LCE16A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. B/AH 2007-09-26
LCE6.5A – LCE90A
1500W Low Capacitance
Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel:
(800)-TAITRON
(800)-247-2232
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1500W Low Capacitance Transient Voltage Suppressor
Features
• Stand-off voltage from 6.5 to 90 volts
• Low Capacitance
• 1500W Peak Pulse Power capability on 10/1000 μs waveform
repetition rate(duty cycle): 0.05%
• Fast response time: typically less than 1.0ps from 0v to VBR
• High temperature soldering guaranteed 265°C/10 seconds
/.037" (9.5mm) lead length, 5lbs (2.3kg),tension
• This series is UL recognized under component index. File number E315008
• RoHS Compliant
Mechanical Data
Case:
1.5KE, Molded plastic
Terminals:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Cathode indicated by color band
Weight:
1.5 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
V WM
Stand-Off Voltage
6.5 to 90
V
PPPM
Peak Pulse Power Dissipation on 10/1000 us
waveform(Note 1)
Minimum 1500
W
IPPM
Peak Pulse current on 10/1000 us waveform(Note 1)
See Table
A
CJ
Max. Junction Capacitance at 0V
100
pf
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 to 175
° C
Notes:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
1.5KE


Similar Part No. - LCE16A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE16A EIC-LCE16A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
LCE16A MERITEK-LCE16A Datasheet
391Kb / 3P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
LCE16A UNSEMI-LCE16A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Microsemi Corporation
LCE16A MICROSEMI-LCE16A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Ruilongyuan Electronics...
LCE16A RUILON-LCE16A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - LCE16A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com