Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA317 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LA317
Description  1.0A Adustable Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LA317 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LA317 Datasheet HTML 1Page - TAITRON Components Incorporated LA317 Datasheet HTML 2Page - TAITRON Components Incorporated LA317 Datasheet HTML 3Page - TAITRON Components Incorporated LA317 Datasheet HTML 4Page - TAITRON Components Incorporated LA317 Datasheet HTML 5Page - TAITRON Components Incorporated LA317 Datasheet HTML 6Page - TAITRON Components Incorporated LA317 Datasheet HTML 7Page - TAITRON Components Incorporated LA317 Datasheet HTML 8Page - TAITRON Components Incorporated LA317 Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. A/DX 2007-06-04
LA317
1.0A Adjustable Positive
Voltage Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 9
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
1.0A Adustable Positive Voltage Regulator
General Description
• The LA317 is an adjustable 3-terminal positive voltage
regulator with a very low dropout of 1.2V at 1A output
current. Using 2 external resistors, the LA317 can
provide an adjustable output voltage down to 1.25V.
• The LA317 is available in standard SOT-223, D-PACK,
TO-220 and D2-PACK packages.
Features
Applications
• Typical 1% output voltage tolerance
• Typical 0.01%/V line reglation
• Typical 0.2% Load Regulation
• Very low dropout voltage: 1.2V at 1A output current
• Trimmed current limit
• On-chip thermal protection
• RoHS Compliance
Ordering Information
• PC Motherboard
• LCD Monitor
• Graphic Card
• DVD Player
• Network Interface Card/Switch
• Telecom Equipment
• Printer and other Peripheral Equipment
SOT-223
D-PACK
(TO-252)
TO-220
D2-PACK
(TO-263)


Similar Part No. - LA317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
LA317D-XX-AR ETC2-LA317D-XX-AR Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
LA317D-XX-BL ETC2-LA317D-XX-BL Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
LA317D-XX-TR30 ETC2-LA317D-XX-TR30 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
LA317D-XX-TR70 ETC2-LA317D-XX-TR70 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
More results

Similar Description - LA317

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM317 TAITRON-LM317 Datasheet
375Kb / 8P
   Adustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
Infineon Technologies A...
IFX7805 INFINEON-IFX7805 Datasheet
1Mb / 18P
   Three Terminal 1.0A Positive Voltage Regulator
Rev. 1.0, 2013-07-15
logo
Tiger Electronic Co.,Lt...
LM7812F TGS-LM7812F Datasheet
266Kb / 1P
   3-Terminal 1.0A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com