Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP30M Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GP30M
Description  3.0A Sintered Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GP30M Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GP30M Datasheet HTML 1Page - TAITRON Components Incorporated GP30M Datasheet HTML 2Page - TAITRON Components Incorporated GP30M Datasheet HTML 3Page - TAITRON Components Incorporated GP30M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2008-01-16
GP30A – GP30M
3.0A Sintered Glass
Passivated Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766
(661)-257-6060
Fax:
(800)-TAITFAX
(800)-824-8329
(661)-257-6415
3.0A Sintered Glass Passivated Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Capable of meeting environmental standards of MIL-S-19500
• 3.0A operation at TA=55° C with no thermal runaway
• High temperature soldering guaranteed:260°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-201AD molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.04 ounces, 1.12 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
GP30A
GP30B
GP30D
GP30G
GP30J
GP30K
GP30M
Unit
Conditions
VRRM
Maximum
Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
3.0
A
0.375” (9.5mm)
lead length(Fig.1)
IFSM
Peak Forward
Surge Current
125
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
DO-201AD


Similar Part No. - GP30M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP30M ZOWIE-GP30M Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
GP30M NJSEMI-GP30M Datasheet
94Kb / 1P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
General Semiconductor
GP30M GE-GP30M Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30M VISHAY-GP30M Datasheet
72Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
logo
Micro Commercial Compon...
GP30M MCC-GP30M Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
More results

Similar Description - GP30M

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RGF3AB TAITRON-RGF3AB Datasheet
175Kb / 6P
   3.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
   3.0A Sintered Glass Passivated Fast Recovery Rectifier
UGF3AB TAITRON-UGF3AB Datasheet
148Kb / 4P
   3.0A Sintered Glass Passivated Ultra Fast Rectifier
GF3AB TAITRON-GF3AB Datasheet
202Kb / 5P
   3.0A Surface Mount Sintered Glass Passivated Rectifier
EGF3AB TAITRON-EGF3AB Datasheet
145Kb / 5P
   3.0A Sintered Glass Passivated Super Fast Rectifier
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
   3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Zowie Technology Corpor...
BYD17ZH ZOWIE-BYD17ZH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
logo
Comchip Technology
CGPA10MM COMCHIP-CGPA10MM Datasheet
61Kb / 2P
   Glass Passivated Sintered Rectifier
logo
Zowie Technology Corpor...
AUBYD17ZDH ZOWIE-AUBYD17ZDH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
BYD17ZDH ZOWIE-BYD17ZDH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com