Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC1610CTTS-24.000M-CL Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC1610CTTS-24.000M-CL
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC1610CTTS-24.000M-CL Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC1610CTTS-24.000M-CL Datasheet HTML 1Page - Ecliptek Corporation EC1610CTTS-24.000M-CL Datasheet HTML 2Page - Ecliptek Corporation EC1610CTTS-24.000M-CL Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
December 27
th, 2006
TO:
All Sales Personnel
FROM:
Mark Stoner
RE:
Product Termination
To all concerned parties,
This bulletin is to notify all customers of the discontinuation of the following Ecliptek
series effective December 27
th, 2006:
Series
Description
Recommended Replacement
EC16
5V 14 pin DIP Oscillator
EB51F3 or EB51F5
In compliance with our End of Life (EOL) policy, this will serve as advanced notice of
product termination. New orders will not be accepted after March 31
st, 2007, with
delivery to conclude by June 30
th 2007.
If there are any questions pertaining to this bulletin, please fell free to contact me.
Thank you again for your cooperation.
Best Regards,
Mark W. Stoner
Vice President of Marketing
Ecliptek Corporation


Similar Part No. - EC1610CTTS-24.000M-CL

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC16200C-D2 E-CMOS-EC16200C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Tyco Electronics
EC1670-000 MACOM-EC1670-000 Datasheet
157Kb / 2P
   Z-Type push-on wire markers
logo
Productwell Precision E...
EC16B24HB1 PRODUCTWELL-EC16B24HB1 Datasheet
117Kb / 1P
   ROTARY POTENTIOMETER
More results

Similar Description - EC1610CTTS-24.000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com