Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU6M Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # GBU6M
Description  6 A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBU6M Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  GBU6M Datasheet HTML 1Page - TAITRON Components Incorporated GBU6M Datasheet HTML 2Page - TAITRON Components Incorporated GBU6M Datasheet HTML 3Page - TAITRON Components Incorporated GBU6M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A/AH 2007-09-08
www.taitroncomponents.com
Page 3 of 4
6 A Glass Passivated Bridge Rectifier
GBU6A – GBU6M
Dimensions in inch (mm)
Fig.4-Typical Junction Capacitance
per leg
VR, Reverse Voltage (V)
Case Type GBU
Fig.3- Typical Forward Characteristics
per leg
VF, Instantaneous Forward Voltage (V)


Similar Part No. - GBU6M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6M ZOWIE-GBU6M Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diode Semiconductor Kor...
GBU6M DSK-GBU6M Datasheet
180Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
GBU6M GOOD-ARK-GBU6M Datasheet
172Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
logo
Leshan Radio Company
GBU6M LRC-GBU6M Datasheet
184Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Fairchild Semiconductor
GBU6M FAIRCHILD-GBU6M Datasheet
858Kb / 3P
   6.0 Ampere Bridge Rectifiers
More results

Similar Description - GBU6M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GBL005 SUNMATE-GBL005 Datasheet
283Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER A
logo
WILLAS ELECTRONIC CORP
GBU6AL WILLAS-GBU6AL Datasheet
198Kb / 2P
   6 AMPS GLASS PASSIVATED BRIDGE RECTIFIER
logo
List of Unclassifed Man...
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
logo
WILLAS ELECTRONIC CORP
GBU6A WILLAS-GBU6A Datasheet
487Kb / 2P
   6 AMPS GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBU4A TAITRON-GBU4A Datasheet
247Kb / 4P
   4 A Glass Passivated Bridge Rectifier
GBU10A TAITRON-GBU10A Datasheet
196Kb / 3P
   10 A Glass Passivated Bridge Rectifier
GBU8A TAITRON-GBU8A Datasheet
259Kb / 4P
   8 A Glass Passivated Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
GBPC3501 YFWDIODE-GBPC3501 Datasheet
462Kb / 3P
   35 A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com