Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC108 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GBPC108
Description  3.0A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC108 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GBPC108 Datasheet HTML 1Page - TAITRON Components Incorporated GBPC108 Datasheet HTML 2Page - TAITRON Components Incorporated GBPC108 Datasheet HTML 3Page - TAITRON Components Incorporated GBPC108 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/AH 2008-05-23
www.taitroncomponents.com
Page 2 of 4
3.0A Glass Passivated Bridge Rectifier
GBPC1005 – GBPC110
Fig.1- Derating Curve Output
Rectified Current
Case Temperature (°C)
Symbols
Parameter
GBPC
1005
GBPC
101
GBPC
102
GBPC
104
GBPC
106
GBPC
108
GBPC
110
Unit
Conditions
t
Rating for Fusing (t<8.3ms)
15
A²sec
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.0
V
IF=1.5A
5.0
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC Blocking
Voltage per leg
500
µA
TA=125°C
CJ
Typical Junction Capacitance
per leg
21
pF
VR=4V, f=1MHz
RθJA
12
RθJC
Typical Thermal Resistance
per leg
8.0
˚C/W
Note 2
TJ,TSTG
Operating Junction and
Storage Temperature Range
-55 to +150
˚C
Note: 1. Unit mounted on 4.0 x 4.0 x 0.11” thick (10.5 x 10.5 x 0.3cm) aluminum plate.
2. Bolt down on heat sink with silicon thermal compound between bridge and mounting
surface for maximum heat transfer with #6 screw.
Rating and Characteristic Curves
Fig.2-Maximum Non-Repetitive Peak
Forward Surge Current per leg
Number of Cycles at 60 Hz


Similar Part No. - GBPC108

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GBPC108 GE-GBPC108 Datasheet
83Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC108 VISHAY-GBPC108 Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
MIC GROUP RECTIFIERS
GBPC108 MIC-GBPC108 Datasheet
68Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC108 VISHAY-GBPC108 Datasheet
76Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
08-Feb-17
GBPC108-E4/51 VISHAY-GBPC108-E4/51 Datasheet
83Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
More results

Similar Description - GBPC108

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS305 ZSELEC-HBS305 Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UD3KB10 YFWDIODE-UD3KB10 Datasheet
460Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB301 ZSELEC-DB301 Datasheet
73Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3KB1 YFWDIODE-D3KB1 Datasheet
461Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF305 ZSELEC-DBF305 Datasheet
162Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB305G TAITRON-TB305G Datasheet
168Kb / 4P
   3.0A Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com