Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC322015-24.000M-CL Datasheet(PDF) 4 Page - Ecliptek Corporation

Part # EC322015-24.000M-CL
Description  OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC322015-24.000M-CL Datasheet(HTML) 4 Page - Ecliptek Corporation

  EC322015-24.000M-CL Datasheet HTML 1Page - Ecliptek Corporation EC322015-24.000M-CL Datasheet HTML 2Page - Ecliptek Corporation EC322015-24.000M-CL Datasheet HTML 3Page - Ecliptek Corporation EC322015-24.000M-CL Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EC32 00 HS T A 15 ET - 24.000M - G TR
FREQUENCY TOLERANCE / STABILITY
00=±100ppm Maximum (Standard)
45=±50ppm Maximum, 25=±25ppm Maximum
20=±20ppm Maximum
PACKAGE
HS=Half Size 8 Pin DIP
DUTY CYCLE
Blank=50 ±10(%) (Standard), T=50 ±5(%)
FREQUENCY DEVIATION
Blank=±50ppm Minimum (Standard)
A=±100ppm Minimum
PACKAGING OPTIONS
Blank=Bulk (Standard)
TR=Tape & Reel (only offered with
Half Size G and Half Size G2 Options)
AVAILABLE OPTIONS
Blank=None (Standard)
CLXXX=Custom Lead Length (See Page 133)
G=Half Size Gull Wing (See Page 132)
G2=Alternate Half Size Gull Wing (See Page 132)
FREQUENCY
OPERATING TEMP. RANGE
Blank=0°C to 70°C (Standard)
ET=-40°C to 85°C
LINEARITY
Blank=20% Maximum(Standard)
15=15% Maximum, 10=10% Maximum
PART NUMBERING GUIDE
Specifications subject to change without notice.
##
1-800-ECLIPTEK
WWW.ECLIPTEK.COM
Line 1: ECLIPTEK
Line 2: EC32
Series Designator
Line 3: XX.XXX M
Frequency in MHz
(5 Digits Maximum + Decimal)
Line 4: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
Pin 1: Control Voltage (Vc)
Pin 4: Case Ground
Pin 5: Output
Pin 8: Supply Voltage
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC32
8 pin DIP
3.3V
OS47
08/06
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
Characteristic
Specification
Seal Integrity
Bubble test in Perfluorocarbon at +125°C ±5°C for 60 seconds minimum.
Solderability
Sn63 Solder dip at +230°C ±5°C for 5 seconds/95% coverage.
Marking Permanency
10 Strokes with brush after 1 minute soak in solvent, 3 times.
Shock
Random drop on hard wooden plate 3 times from a height of 20cm.
Vibration
Frequency with an amplitude of 1.5mm sweeping between 10Hz to 55Hz
within 1 minute (approximately) for 2 hours minimum on each axis
(X, Y and Z) for a total of 6 hours.
250 Pieces Per Reel
Compliant to EIA-481A
Pin 1 Locator for Gull Wing
(1) For “G” Option
(2) For “G2” Option
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


Similar Part No. - EC322015-24.000M-CL

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
EC3221NNMHR E-CMOS-EC3221NNMHR Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
EC3228NNFTR E-CMOS-EC3228NNFTR Datasheet
846Kb / 16P
   High-Performance PWM Controller
More results

Similar Description - EC322015-24.000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com