Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC1620ARTTS-24.000M-CL Datasheet(PDF) 3 Page - Ecliptek Corporation

Part # EC1620ARTTS-24.000M-CL
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC1620ARTTS-24.000M-CL Datasheet(HTML) 3 Page - Ecliptek Corporation

  EC1620ARTTS-24.000M-CL Datasheet HTML 1Page - Ecliptek Corporation EC1620ARTTS-24.000M-CL Datasheet HTML 2Page - Ecliptek Corporation EC1620ARTTS-24.000M-CL Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ECLIPTEK CORP.
OSCILLATOR
EC16
14 pin DIP
5.0V
OS34
08/06
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EC16 07 A R T TS - 24.000M - CL125
FREQUENCY STABILITY
2 Digit Code Per Table 1
OPERATING TEMPERATURE RANGE
1 Letter Code Per Table 1
INTERNAL TRIM OPTIONS
Blank=No Internal Trim
R=±5ppm Minimum (Top of Can)
DUTY CYCLE
Blank=50 ±10(%) (Standard)
T=50 ±5(%)
AVAILABLE OPTIONS
Blank=None (Standard)
CLXXX=Custom Lead Length (See Page 133)
G=Full Size Gull Wing (See Page 132)
FREQUENCY
OUTPUT CONTROL FUNCTION
TS=Tri-State Enable High
PART NUMBERING GUIDE
Line 1: ECLIPTEK
Line 2: EC16 TS
Output Control Function
TS = Tri-State Enable High
Series Designator
Line 3: XX.XXX M
Frequency in MHz
(5 Digits Maximum + Decimal)
Line 4: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Characteristic
Specification
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Lead Integrity
MIL-STD-883, Method 2004
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-883, Method 210
Resistance to Solvents
MIL-STD-883, Method 215
Pin 1: Tri-State
Pin 7: Case Ground
Pin 8: Output
Pin 14: Supply Voltage
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
OBSOLETE


Similar Part No. - EC1620ARTTS-24.000M-CL

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC16200C-D2 E-CMOS-EC16200C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
More results

Similar Description - EC1620ARTTS-24.000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com