Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC35-02W Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GBPC35-02W
Description  35A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC35-02W Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GBPC35-02W Datasheet HTML 1Page - TAITRON Components Incorporated GBPC35-02W Datasheet HTML 2Page - TAITRON Components Incorporated GBPC35-02W Datasheet HTML 3Page - TAITRON Components Incorporated GBPC35-02W Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/DX 2007-05-06
www.taitroncomponents.com
Page 2 of 4
35A Glass Passivated Bridge Rectifier
GBPC35-005W – GBPC35-10W
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycles at 60Hz
Fig.1-Max. Output Rectified Current
Case Temperature (°C)
IF(AV)
Max. Average Forward
Rectified Output Current
35.0
A
See Fig.1
IFSM
Peak Forward Surge
Current
400
A
8.3ms single
half
sine-wave
superimposed
on rated load
(JEDEC
method)
VF
Max. Instantaneous
Forward Voltage drop per
leg
1.1
V
IF(AV)=17.5A
5.0
µA
TC = 25°C
IR
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
500
µA
TC = 125°C
I²t
Rating for Fusing
(1ms<t<8.3ms)
660
A²s
CJ
Typical junction
capacitance
300
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
1.4
°C / W Note 1
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: 1. Thermal Resistance from junction to Case per leg.
2. Bolt down on Heatsink with Silicone Thermal Compound Between and Mounting Surface for
Maximum Heat Transfer with #10 Screw.
Typical Characteristics Curves


Similar Part No. - GBPC35-02W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GBPC35-02 TAITRON-GBPC35-02 Datasheet
152Kb / 4P
   35A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC35-02 TSC-GBPC35-02 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC35-02 TSC-GBPC35-02 Datasheet
272Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC35-02W

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBJ35005 ZSELEC-GBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC35-005 TAITRON-GBPC35-005 Datasheet
152Kb / 4P
   35A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBPC35005 DIODES-GBPC35005 Datasheet
70Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. H-2
GBJ3510 DIODES-GBJ3510 Datasheet
175Kb / 4P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
GBPC35005 DIODES-GBPC35005_1 Datasheet
376Kb / 3P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. 10 - 2
logo
Zibo Seno Electronic En...
KBJ35005 ZSELEC-KBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS35005M ZSELEC-RS35005M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS3501M ZSELEC-RS3501M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBJ3501G YFWDIODE-GBJ3501G Datasheet
768Kb / 3P
   35A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
Nell Semiconductor Co.,...
MTP35W NELLSEMI-MTP35W Datasheet
396Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 35A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com