Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC25-02W Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GBPC25-02W
Description  25A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC25-02W Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GBPC25-02W Datasheet HTML 1Page - TAITRON Components Incorporated GBPC25-02W Datasheet HTML 2Page - TAITRON Components Incorporated GBPC25-02W Datasheet HTML 3Page - TAITRON Components Incorporated GBPC25-02W Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/DX 2007-05-06
www.taitroncomponents.com
Page 2 of 4
25A Glass Passivated Bridge Rectifier
GBPC25-005W – GBPC25-10W
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycles at 60Hz
Fig.1-Max. Output Rectified Current
0
25
50
75
100
125
150
175
200
0
5
10
15
20
25
30
35
40
5
× 6 × 4.9”
AL. Finned Plate
Resistive or
Inductive Load
60 Hz
Case Temperature (°C)
IF(AV)
Max. Average Forward
Rectified Output Current
25.0
A
See Fig.1
IFSM
Peak Forward Surge
Current
300
A
8.3ms single
half
sine-wave
superimposed
on rated load
(JEDEC
method)
VF
Max. Instantaneous
Forward Voltage drop per
leg
1.1
V
IF(AV)=12.5A
5.0
µA
TC = 25°C
IR
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
500
µA
TC = 125°C
I²t
Rating for Fusing
(1ms<t<8.3ms)
375
A²s
CJ
Typical junction
capacitance
300
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
1.9
°C / W Note 1
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: 1. Thermal Resistance from junction to Case per leg.
2. Bolt down on Heatsink with Silicone Thermal Compound Between and Mounting Surface for
Maximum Heat Transfer with #10 Screw.
Typical Characteristics Curves


Similar Part No. - GBPC25-02W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GBPC25-02 TAITRON-GBPC25-02 Datasheet
145Kb / 4P
   25A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC25-02 TSC-GBPC25-02 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC25-02 TSC-GBPC25-02 Datasheet
272Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC25-02W

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
RS2505M SHUNYE-RS2505M Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC25005 DIODES-GBPC25005_1 Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
logo
Shanghai Shunye Electro...
RS2501M SY-RS2501M Datasheet
162Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D25SB05 ZSELEC-D25SB05 Datasheet
98Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBU2506L LUGUANG-GBU2506L Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
GBPC25005 DIODES-GBPC25005 Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
Shanghai Shunye Electro...
GBJ25005 SHUNYE-GBJ25005 Datasheet
96Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25A ZSELEC-GBJ25A Datasheet
70Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com