Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC25-005W Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GBPC25-005W
Description  25A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBPC25-005W Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GBPC25-005W Datasheet HTML 1Page - TAITRON Components Incorporated GBPC25-005W Datasheet HTML 2Page - TAITRON Components Incorporated GBPC25-005W Datasheet HTML 3Page - TAITRON Components Incorporated GBPC25-005W Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-05-06
GBPC25-005W – GBPC25-10W
25A Glass
Passivated Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
25A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• Integrally molded heatsink provides very low thermal
Resistance for Maximm heat dissipation
• Universal 3-way terminals; snap-on, wire wrap-around
Or P.C.B mounting
• Typical IR less than 0.3µA
• High forward surge current capability
• High temperature soldering guaranteed: 260˚C/10 seconds
at 5lbs.(2.3kg) tension
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
GBPC35W, Molded plastic with heatsink integrally mounted in the bridge encapsulation
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated 0.25” (6.35mm) faston lugs
Polarity:
Polarity symbols molded on body
Mounting Position
See note 2
Mounting Torque
20in.-lb.Max
Weight:
18 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
GBPC
25-005W
GBPC
25-01W
GBPC
25-02W
GBPC
25-04W
GBPC
25-06W
GBPC
25-08W
GBPC
25-10W
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking voltage
50
100
200
400
600
800
1000
V
GBPC35W


Similar Part No. - GBPC25-005W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GBPC25-005 TAITRON-GBPC25-005 Datasheet
145Kb / 4P
   25A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC25-005 TSC-GBPC25-005 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC25-005 TSC-GBPC25-005 Datasheet
272Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC25-005W

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
RS2505M SHUNYE-RS2505M Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC25005 DIODES-GBPC25005_1 Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
logo
Shanghai Shunye Electro...
RS2501M SY-RS2501M Datasheet
162Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D25SB05 ZSELEC-D25SB05 Datasheet
98Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBU2506L LUGUANG-GBU2506L Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
GBPC25005 DIODES-GBPC25005 Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
Shanghai Shunye Electro...
GBJ25005 SHUNYE-GBJ25005 Datasheet
96Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25A ZSELEC-GBJ25A Datasheet
70Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com