Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2501 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GBJ2501
Description  Single-Phase Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GBJ2501 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GBJ2501 Datasheet HTML 1Page - TAITRON Components Incorporated GBJ2501 Datasheet HTML 2Page - TAITRON Components Incorporated GBJ2501 Datasheet HTML 3Page - TAITRON Components Incorporated GBJ2501 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2007-11-30
GBJ25005 – GBJ2510
Single-Phase
Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Single-Phase Glass Passivated Bridge Rectifier
Features
• Plastic package has Underwriters Laboratory Flammability
Classification 94 V-0
• Glass passivated die construction
• High case dielectric strength of 1500 VRMS
• Low reverse leakage current
• Ideal for printed circuit boards
• Surge overload rating to 350A Peak
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
Molded Plastic
Terminals:
Plated leads solderable per MIL-STD-202, method 208
Polarity:
Molded on Body
Mounting:
Through Hole for #6 Screw
Mounting
Torque:
6.0 In-1bs Max.
Weight:
6.6 grams
Maximum Ratings (T
Ambient=25ºC unless noted)
Symbol
Description
GBJ25
005
GBJ25
01
GBJ25
02
GBJ25
04
GBJ25
06
GBJ25
08
GBJ25
10
Unit
VRRM
Max. Repetitive Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC Blocking Voltage
50
100
200
400
600
800
1000
V
I(AV)
Max. Average Forward Rectified Output
Current at TC=100°C
25
A
IFSM
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load(JEDEC method)
350
A
t
Rating for Fusing (t<8.3ms)
510
A²s
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
° C
GBJ


Similar Part No. - GBJ2501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2501 DIODES-GBJ2501 Datasheet
150Kb / 4P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ2501 DIODES-GBJ2501 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
SAMYANG ELECTRONICS CO....
GBJ2501 SAMYANG-GBJ2501 Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
Diodes Incorporated
GBJ2501 DIODES-GBJ2501 Datasheet
85Kb / 4P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. 8 - 2
logo
Mospec Semiconductor
GBJ2501 MOSPEC-GBJ2501 Datasheet
179Kb / 2P
   Glass passivated chip junction
More results

Similar Description - GBJ2501

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com