Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEP16JT Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # FEP16JT
Description  16A Super Fast Recovery Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

FEP16JT Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  FEP16JT Datasheet HTML 1Page - TAITRON Components Incorporated FEP16JT Datasheet HTML 2Page - TAITRON Components Incorporated FEP16JT Datasheet HTML 3Page - TAITRON Components Incorporated FEP16JT Datasheet HTML 4Page - TAITRON Components Incorporated FEP16JT Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
16A Super Fast Recovery Rectifiers
Rev. A/AH 2008-04-25
FEP16AT – FEP16JT
www.taitroncomponents.com
Page 3 of 5
Fig.3- Typical Forward Characteristics
per leg
Instantaneous Forward Voltage (V)
Fig.5- Typical Junction Capacitance per leg
Reverse Voltage (V)
Fig.4-Typical Reverse Characteristics
per leg
Percent of Rated Peak Reverse Voltage (%)


Similar Part No. - FEP16JT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16JT FAIRCHILD-FEP16JT Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
logo
Vishay Siliconix
FEP16JT VISHAY-FEP16JT Datasheet
197Kb / 4P
   Dual Ultrafast Plastic Rectifier
08-Apr-05
logo
General Semiconductor
FEP16JT GE-FEP16JT Datasheet
80Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Fairchild Semiconductor
FEP16JT FAIRCHILD-FEP16JT Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
FEP16JT FAIRCHILD-FEP16JT Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
More results

Similar Description - FEP16JT

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 16A)
logo
Frontier Electronics.
FR1605CT FRONTIER-FR1605CT Datasheet
438Kb / 2P
   16A FAST RECOVERY RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SFF1606 ASEMI-SFF1606 Datasheet
296Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
SFF1606A ASEMI-SFF1606A Datasheet
293Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
MUR1660CT ASEMI-MUR1660CT Datasheet
282Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SFF160-03-LFR FRONTIER-SFF160-03-LFR Datasheet
131Kb / 2P
   16A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MURF1660AC ASEMI-MURF1660AC Datasheet
293Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
MURF1660CT ASEMI-MURF1660CT Datasheet
296Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SFF160-03 FRONTIER-SFF160-03 Datasheet
129Kb / 2P
   16A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
SF1606 ASEMI-SF1606 Datasheet
282Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com