Electronic Components Datasheet Search |
|
EC3145TC05ET-24.000M-CL Datasheet(PDF) 4 Page - Ecliptek Corporation |
|
EC3145TC05ET-24.000M-CL Datasheet(HTML) 4 Page - Ecliptek Corporation |
4 / 4 page MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE EC31 00 HS T A 15 ET - 24.000M - G TR FREQUENCY TOLERANCE / STABILITY 00=±100ppm Maximum (Standard) 45=±50ppm Maximum, 25=±25ppm Maximum 20=±20ppm Maximum PACKAGE HS=Half Size 8 Pin DIP DUTY CYCLE Blank=50 ±10(%) (Standard), T=50 ±5(%) FREQUENCY DEVIATION Blank=±50ppm Minimum (Standard) A=±100ppm Minimum B=±150ppm Minimum PACKAGING OPTIONS Blank=Bulk (Standard) TR=Tape & Reel (only offered with Half Size G and Half Size G2 Options) AVAILABLE OPTIONS Blank=None (Standard) CLXXX=Custom Lead Length (See Page 133) G=Half Size Gull Wing (See Page 132) G2=Alternate Half Size Gull Wing (See Page 132) FREQUENCY OPERATING TEMP. RANGE Blank=0°C to 70°C (Standard) ET=-40°C to 85°C LINEARITY Blank=20% Maximum(Standard) 05=5% Maximum, 10=10% Maximum 15=15%Maximum PART NUMBERING GUIDE ECLIPTEK CORP. OSCILLATOR EC31 8 pin DIP 5.0V OS18 08/06 Pin 1: Control Voltage (V c) Pin 4: Case Ground Pin 5: Output Pin 8: Supply Voltage 250 Pieces Per Reel Compliant to EIA-481A Characteristic Specification Seal Integrity Bubble test in Perfluorocarbon at +125°C ±5°C for 60 seconds minimum. Solderability Sn63 Solder dip at +230°C ±5°C for 5 seconds/95% coverage. Marking Permanency 10 Strokes with brush after 1 minute soak in solvent, 3 times. Shock Random drop on hard wooden plate 3 times from a height of 20cm. Vibration Frequency with an amplitude of 1.5mm sweeping between 10Hz to 55Hz within 1 minute (approximately) for 2 hours minimum on each axis (X, Y and Z) for a total of 6 hours. MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS TAPE AND REEL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS MARKING SPECIFICATIONS ENVIRONMENTAL/MECHANICAL SPECIFICATIONS Pin 1 Locator for Gull Wing (1) For “G” Option (2) For “G2” Option Line 1: ECLIPTEK Line 2: EC31 Series Designator Line 3: XX.XXX M Frequency in MHz (5 Digits Maximum + Decimal) Line 4: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier Note: Pin 1 shall be designated with a dot 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. |
Similar Part No. - EC3145TC05ET-24.000M-CL |
|
Similar Description - EC3145TC05ET-24.000M-CL |