Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP20K Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # EGP20K
Description  2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EGP20K Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  EGP20K Datasheet HTML 1Page - TAITRON Components Incorporated EGP20K Datasheet HTML 2Page - TAITRON Components Incorporated EGP20K Datasheet HTML 3Page - TAITRON Components Incorporated EGP20K Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Rev. A/DX 2007-06-04
EGP20A – EGP20K
www.taitroncomponents.com
Page 3 of 4
Fig.3- Typical Forward Characteristics
Forward Voltage (V)
Fig.5- Typical Junction Capacitance
Reverse Voltage (V)
Fig.4-Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)


Similar Part No. - EGP20K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20K ZOWIE-EGP20K Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Zibo Seno Electronic En...
EGP20K ZSELEC-EGP20K Datasheet
92Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Fairchild Semiconductor
EGP20K FAIRCHILD-EGP20K Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
EGP20K LUGUANG-EGP20K Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Micro Commercial Compon...
EGP20K MCC-EGP20K Datasheet
82Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
More results

Similar Description - EGP20K

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
   2.0A Sintered Glass Passivated Super Fast Rectifier
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP20A TAITRON-RGP20A Datasheet
133Kb / 4P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
   3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGP60A TAITRON-EGP60A Datasheet
128Kb / 4P
   6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGP15A TAITRON-EGP15A Datasheet
145Kb / 4P
   1.5A Sintered Glass Passivated Super Fast Recovery Rectifier
EGP10A TAITRON-EGP10A Datasheet
136Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Recovery Rectifier
UGF2A TAITRON-UGF2A Datasheet
147Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Rectifier
GP20A TAITRON-GP20A Datasheet
132Kb / 4P
   2.0A Sintered Glass Passivated Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com