Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C33 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # BZX84C33
Description  300mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BZX84C33 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  BZX84C33 Datasheet HTML 1Page - TAITRON Components Incorporated BZX84C33 Datasheet HTML 2Page - TAITRON Components Incorporated BZX84C33 Datasheet HTML 3Page - TAITRON Components Incorporated BZX84C33 Datasheet HTML 4Page - TAITRON Components Incorporated BZX84C33 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
300mW Surface Mount Zener Diodes
BZX84C2V4 - BZX84C75
Rev. A/AH 2007-12-21
www.taitroncomponents.com
Page 3 of 5
Fig.1 Power Derating Curve
Ambient Temperature Ta (°C)
Fig.2 Forward Characteristics
Forward Voltage (V)
Norminal Zener Voltage
@
IZT
Test
Current
VZ(V)
Max. Zener Impedance
Max. Reverse
Leakage Current
IR @ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
ZZT@
IZT
ZZK@
IZK
IZK(mA)
IR (
μA)
VR(V)
BZX84C39
Y14
39
37.0
41.0
2.0
130
350
0.5
0.05
0.7
BZX84C43
Y15
43
40.0
46.0
2.0
150
375
0.5
0.05
0.7
BZX84C47
Y16
47
44.0
50.0
2.0
170
375
0.5
0.05
0.7
BZX84C51
Y17
51
48.0
54.0
2.0
180
400
0.5
0.05
0.7
BZX84C56
Y18
56
52.0
60.0
2.0
200
425
0.5
0.05
0.7
BZX84C62
Y19
62
58.0
66.0
2.0
215
450
0.5
0.05
0.7
BZX84C68
Y20
68
64.0
72.0
2.0
240
475
0.5
0.05
0.7
BZX84C75
Y21
75
70.0
79.0
2.0
255
500
0.5
0.05
0.7
Characteristics Curves


Similar Part No. - BZX84C33

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZX84C33 HTSEMI-BZX84C33 Datasheet
712Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX84C33 VISHAY-BZX84C33 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX84C33 ZSELEC-BZX84C33 Datasheet
132Kb / 3P
   350mW Silicon Planar Zener Diodes
logo
Jiangsu Changjiang Elec...
BZX84C33 JIANGSU-BZX84C33 Datasheet
134Kb / 3P
   Plastic-Encapsulate Diode
logo
UN Semiconducctor INC
BZX84C33 UNSEMI-BZX84C33 Datasheet
3Mb / 7P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results

Similar Description - BZX84C33

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
61Kb / 4P
   300mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 18 - 2
logo
Shenzhen Luguang Electr...
MM3Z2V4 LUGUANG-MM3Z2V4_V01 Datasheet
1Mb / 3P
   300mW Surface Mount Zener Diode
Revision:20211201-P1
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com