Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC7G-S-35000M Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EC7G-S-35000M
Description  CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC7G-S-35000M Datasheet(HTML) 2 Page - Ecliptek Corporation

  EC7G-S-35000M Datasheet HTML 1Page - Ecliptek Corporation EC7G-S-35000M Datasheet HTML 2Page - Ecliptek Corporation EC7G-S-35000M Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EC7 Series
• RoHS Compliant (Pb-Free)
• Inverted Mesa Crystal
• Fundamental mode frequencies to 212.5MHz
• UM-1 package
• AT cut
• Tight tolerance/stability
• Wide operating temperature range
CRYSTAL
EC7
ELECTRICAL SPECIFICATIONS
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
EC7
UM-1
CR36
03/06
EQUIVALENT SERIES RESISTANCE (ESR), MODE OF OPERATION (MODE), AND CUT
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
Frequency Range
Frequency Tolerance / Stability
Over Operating Temperature Range
Operating Temperature Range
Aging (at 25°C)
Storage Temperature Range
Shunt Capacitance
Drive Level
Load Capacitance (C
L)
Motional Capacitance (C
1)
Insulation Resistance
44.737MHz to 212.500MHz
±50ppm / ±100ppm, ±30ppm/±50ppm
±15ppm / ±30ppm, or ±10ppm / ±30ppm
0°C to 70°C, -20°C to 70°C, or -40°C to 85°C
±3ppm / year Maximum
-40°C to 85°C
5pF Maximum
100µWatts Maximum
18pF (Standard), Custom C
L
≥ 10pF, or Series Resonant
3fF Min, 10fF Max (F
0 < 100MHz), 3fF Min, 13fF Max (F0 > 100MHz)
500 Megaohms Minimum at 100V
DC
Frequency Range
44.737MHz to 50.000MHz
50.001MHz to 100.000MHz
ESR (
Ω)
25 Max
30 Max
Mode / Cut
Fundamental / AT
Fundamental / AT
Frequency Range
100.001MHz to 160.000MHz
160.001MHz to 212.500MHz
ESR (
Ω)
35 Max
40 Max
Mode / Cut
Fundamental / AT
Fundamental / AT
800-ECLIPTEK www.ecliptek.com for latest revision
18
Specifications subject to change without notice.
H
8.1
L
7.9
W
3.2
OBSOLETE


Similar Part No. - EC7G-S-35000M

ManufacturerPart #DatasheetDescription
logo
GREATECS
EC7G0B2AFN GREATECS-EC7G0B2AFN Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
EC7G0B2AKN GREATECS-EC7G0B2AKN Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
EC7G0B2CKN GREATECS-EC7G0B2CKN Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
EC7G0B4AFN GREATECS-EC7G0B4AFN Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
EC7G0B4AKN GREATECS-EC7G0B4AKN Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
More results

Similar Description - EC7G-S-35000M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com