Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4701 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # 1N4701
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4701 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  1N4701 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4701 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4701 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4701 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Zener Diodes
1N4678~1N4717
Normal Zener Voltage
Max Voltage
Change
Max Reverse Current
VZ @ IZT=50µA
Max Zener
Current
IR @ VR
P/N
Nom. V
Min. V
Max. V
∆VZ (V) note1
mA
µA
VR
1N4678
1.8
1.71
1.89
0.70
120
7.5
1
1N4679
2
1.9
2.1
0.70
110
5
1
1N4680
2.2
2.09
2.31
0.75
100
4
1
1N4681
2.4
2.28
2.52
0.80
95
2
1
1N4682
2.7
2.565
2.835
0.85
90
1
1
1N4683
3
2.85
3.15
0.90
85
0.8
1
1N4684
3.3
3.135
3.465
0.95
80
7.5
1.5
1N4685
3.6
3.42
3.78
0.95
75
7.5
2
1N4686
3.9
3.705
4.095
0.97
70
5
2
1N4687
4.3
4.085
4.515
0.99
65
4
2
1N4688
4.7
4.465
4.935
0.99
60
10
3
1N4689
5.1
4.845
5.355
0.97
55
10
3
1N4690
5.6
5.32
5.88
0.96
50
10
4
1N4691
6.2
5.89
6.51
0.95
45
10
5
1N4692
6.8
6.46
7.14
0.90
35
10
5.1
1N4693
7.5
7.125
7.875
0.75
31.8
10
5.7
1N4694
8.2
7.79
8.61
0.5
29
1
6.2
1N4695
8.7
8.265
9.135
0.1
27.4
1
6.6
1N4696
9.1
8.645
9.555
0.08
26.2
1
6.9
1N4697
10
9.5
10.5
0.1
24.8
1
7.6
1N4698
11
10.45
11.55
0.11
21.6
0.05
8.4
1N4699
12
11.4
12.6
0.12
20.4
0.05
9.1
1N4700
13
12.35
13.65
0.13
19
0.05
9.8
1N4701
14
13.3
14.7
0.14
17.5
0.05
10.6
1N4702
15
14.25
15.75
0.15
16.3
0.05
11.4
1N4703
16
15.2
16.8
0.16
15.4
0.05
12.1
1N4704
17
16.15
17.85
0.17
14.5
0.05
12.9
1N4705
18
17.1
18.9
0.18
13.2
0.05
13.6
1N4706
19
18.05
19.95
0.19
12.5
0.05
14.4
Rev. B/WW 2006-08-09
www.taitroncomponents.com
Page 2 of 4


Similar Part No. - 1N4701

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4701 VISHAY-1N4701 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4701 DIGITRON-1N4701 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4701 CDI-DIODE-1N4701 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4701 MCC-1N4701 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
General Semiconductor
1N4701 GE-1N4701 Datasheet
40Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com