Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5344B Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # 1N5344B
Description  5.0W Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5344B Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  1N5344B Datasheet HTML 1Page - TAITRON Components Incorporated 1N5344B Datasheet HTML 2Page - TAITRON Components Incorporated 1N5344B Datasheet HTML 3Page - TAITRON Components Incorporated 1N5344B Datasheet HTML 4Page - TAITRON Components Incorporated 1N5344B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A/AH 2007-11-27
www.taitroncomponents.com
Page 2 of 5
5.0W Zener Diodes
1N5333B – 1N5388B
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Norminal Zener Voltage
@ IZT
Test
Current
V Z(V)
Max. Zener Impedance (Ω)
Max. Reverse
Leakage
Current
IR @ VR
Max.
Zener
Current
Part NO.
Nom.
Min.
Max.
IZT(mA)
ZZT @
IZT
ZZK @
Izk
IZK(mA)
IR
(
μA)
VR
(V)
IZM(mA)
1N5333B
3.3
3.14
3.47
380
3.0
400
1.0
300
1.0
1440
1N5334B
3.6
3.42
3.78
350
2.5
500
1.0
150
1.0
1320
1N5335B
3.9
3.71
4.10
320
2.0
500
1.0
50
1.0
1220
1N5336B
4.3
4.09
4.52
290
2.0
500
1.0
10
1.0
1100
1N5337B
4.7
4.47
4.94
260
2.0
450
1.0
5.0
1.0
1010
1N5338B
5.1
4.85
5.36
240
1.5
400
1.0
1.0
1.0
930
1N5339B
5.6
5.32
5.88
220
1.0
400
1.0
1.0
2.0
865
1N5340B
6.0
5.70
6.30
200
1.0
300
1.0
1.0
3.0
790
1N5341B
6.2
5.89
6.51
200
1.0
200
1.0
1.0
3.0
765
1N5342B
6.8
6.46
7.14
175
1.0
200
1.0
10
5.2
700
1N5343B
7.5
7.13
7.88
175
1.5
200
1.0
10
5.7
630
1N5344B
8.2
7.79
8.61
150
1.5
200
1.0
10
6.2
580
1N5345B
8.7
8.27
9.14
150
2.0
200
1.0
10
6.6
545
1N5346B
9.1
8.65
9.56
150
2.0
150
1.0
7.5
6.9
520
1N5347B
10
9.50
10.50
125
2.0
125
1.0
5.0
7.6
475
1N5348B
11
10.45
11.55
125
2.5
125
1.0
5.0
8.4
430
1N5349B
12
11.40
12.60
100
2.5
125
1.0
2.0
9.1
395
1N5350B
13
12.35
13.65
100
2.5
100
1.0
1.0
9.9
365
1N5351B
14
13.30
14.70
100
2.5
75
1.0
1.0
10.6
340
1N5352B
15
14.25
15.75
75
2.5
75
1.0
1.0
11.5
315
1N5353B
16
15.20
16.80
75
2.5
75
1.0
1.0
12.2
295
1N5354B
17
16.15
17.85
70
2.5
75
1.0
0.5
12.9
280
1N5355B
18
17.10
18.90
65
2.5
75
1.0
0.5
13.7
264
1N5356B
19
18.05
19.95
65
3.0
75
1.0
0.5
14.4
250
1N5357B
20
19.00
21.00
65
3.0
75
1.0
0.5
15.2
237
1N5358B
22
20.90
23.10
50
3.5
75
1.0
0.5
16.7
216
1N5359B
24
22.80
25.20
50
3.5
100
1.0
0.5
18.2
198
1N5360B
25
23.75
26.25
50
4.0
110
1.0
0.5
19.0
190
1N5361B
27
25.65
28.35
50
5.0
120
1.0
0.5
20.6
176
1N5362B
28
26.60
29.40
50
6.0
130
1.0
0.5
21.2
170
1N5363B
30
28.50
31.50
40
8.0
140
1.0
0.5
22.8
158
1N5364B
33
31.35
34.65
40
10
150
1.0
0.5
25.1
144


Similar Part No. - 1N5344B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5344B MOTOROLA-1N5344B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SUNMATE electronic Co.,...
1N5344B SUNMATE-1N5344B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N5344B SEMTECH_ELEC-1N5344B Datasheet
312Kb / 3P
   5 W SILICON ZENER DIODES
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Boca Semiconductor Corp...
1N5344B BOCA-1N5344B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
More results

Similar Description - 1N5344B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
Z5SMB5333B TAITRON-Z5SMB5333B Datasheet
199Kb / 5P
   5.0W Surface Mount Zener Diodes
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com