Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC1125-60.000M-G Datasheet(PDF) 3 Page - Ecliptek Corporation

Part # EC1125-60.000M-G
Description  OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC1125-60.000M-G Datasheet(HTML) 3 Page - Ecliptek Corporation

  EC1125-60.000M-G Datasheet HTML 1Page - Ecliptek Corporation EC1125-60.000M-G Datasheet HTML 2Page - Ecliptek Corporation EC1125-60.000M-G Datasheet HTML 3Page - Ecliptek Corporation EC1125-60.000M-G Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC11
8 pin DIP
5.0V
OS05
08/06
EC11 Series
• RoHS Compliant (Pb-free)
• HCMOS/TTL output
• 5.0V supply voltage
• 8 pin DIP package
• Stability to ±20ppm
• Custom lead length,
gull wing options available
ELECTRICAL SPECIFICATIONS
EC11
OSCILLATOR
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Frequency Range (MHz)
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Tri-State Input Voltage
Aging (at 25°C)
Start Up Time
Period Jitter: Absolute
Period Jitter: One Sigma
0.250MHz to 106.250MHz
0°C to 70°C or -40°C to 85°C
-55°C to 125°C
5.0V
DC ±10%
45mA Maximum
55mA Maximum
65mA Maximum
85mA Maximum
±100ppm, ±50ppm, ±25ppm, or
±20ppm Max. (0°C to 70°C Only)
2.4V
DC Minimum
V
DD-0.5VDC Minimum
0.4V
DC Maximum
0.5V
DC Maximum
6 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
50 ±5(%) (Optional)
10TTL Load or 50pF HCMOS Load
10TTL Load or 15pF HCMOS Load
10LSTTL Load or 15pF HCMOS Load
Enables Output
Enables Output
Disables Output: High Impedance
±5ppm / year Maximum
10mSeconds Maximum
±100pSeconds Maximum
±25pSeconds Maximum
250.000kHz to 24.000MHz
24.001MHz to 50.000MHz
50.001MHz to 66.667MHz
66.668MHz to 106.250MHz
Inclusive of Operating Temperature Range, Supply Voltage,
and Load
w/TTL Load
w/HCMOS Load
w/TTL Load
w/HCMOS Load
0.4V
DC to 2.4VDC w/TTL Load; 20% to 80% of
Waveform w/HCMOS Load
at 1.4V
DC w/TTL Load; at 50% of Waveform w/HCMOS Load
at 1.4V
DC w/TTL Load or w/HCMOS Load < 70.000MHz
at 50% of Waveform w/TTL Load or w/HCMOS Load > 70.000MHz
250.000kHz to 24.000MHz
24.001MHz to 70.000MHz
70.001MHz to 106.250MHz
V
IH :No Connection
V
IH :
≥2.2V
DC
V
IL :
≤0.8V
DC
H
5.6
L 13.2
W 13.2


Similar Part No. - EC1125-60.000M-G

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
logo
Schurter Inc.
EC11 SCHURTER-EC11 Datasheet
445Kb / 4P
   IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole
EC11 SCHURTER-EC11 Datasheet
346Kb / 2P
   US Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC11 SCHURTER-EC11 Datasheet
366Kb / 2P
   EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC11 SCHURTER-EC11 Datasheet
364Kb / 2P
   IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
More results

Similar Description - EC1125-60.000M-G

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com