Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5391J05 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 1N5391J05
Description  1.5Amp Standard Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5391J05 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  1N5391J05 Datasheet HTML 1Page - TAITRON Components Incorporated 1N5391J05 Datasheet HTML 2Page - TAITRON Components Incorporated 1N5391J05 Datasheet HTML 3Page - TAITRON Components Incorporated 1N5391J05 Datasheet HTML 4Page - TAITRON Components Incorporated 1N5391J05 Datasheet HTML 5Page - TAITRON Components Incorporated 1N5391J05 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/JJ 2007-05-12
1N5391J05-1N5399J10
1.5Amp Standard Rectifiers
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 6
1.5Amp Standard Rectifiers
Features
• Low forward voltage drop
• High reliability
• High forward surge current capability
• High temperature soldering guaranteed:250°C/10 seconds
/.0375",(9.5mm) lead lengths at 5lbs., (2.3kg) tension
• RoHS Compliant
Mechanical Data
Case:
Molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Cathode indicated by color band
Mounting position:
Any
Weight:
0.014 ounce,0.40 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
1N5391J05 1N5392J1
1N5393J2
1N5395J4
1N5397J6
1N5398J8
1N5399J10
Unit
Conditions
VRRM
Peak Repetitive
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max.DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Max. Average
Rectified Current
1.5
A
.375’’(9.5mm)
lead length @
TA =75
oC
IFSM
Peak Forward
Surge Current
60
A
8.3 ms single
half sine-wave
superimposed on
rated load
TJ
Operating Junction
Range
-55 to 125
° C
TSTG
Storage
Temperature
Range
-55 to 150
° C
DO-15


Similar Part No. - 1N5391J05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Goodwork Semiconductor ...
1N5391 GWSEMI-1N5391 Datasheet
65Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Yangzhou yangjie electr...
1N5391 YANGJIE-1N5391 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Vishay Siliconix
1N5391 VISHAY-1N5391 Datasheet
77Kb / 4P
   General Purpose Plastic Rectifier
01-Jan-2022
logo
Dc Components
1N5391 DCCOM-1N5391 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - 1N5391J05

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N5391 TAK_CHEONG-1N5391 Datasheet
103Kb / 2P
   1.5AMP. Standard Silicon Rectifiers
logo
Shenzhen Luguang Electr...
1N5391 LUGUANG-1N5391 Datasheet
1Mb / 2P
   1.5AMP. Silicon Rectifiers
1N5391S LUGUANG-1N5391S Datasheet
181Kb / 2P
   1.5AMP. Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
FR151 SECOS-FR151 Datasheet
83Kb / 2P
   1.5AMP Fast Recovery Rectifiers
HER151 SECOS-HER151 Datasheet
76Kb / 2P
   1.5AMP High Efficiency Rectifiers
logo
Tiger Electronic Co.,Lt...
SB220 TGS-SB220 Datasheet
47Kb / 2P
   1.5AMP PLASTIC SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG5391A SECOS-QG5391A_15 Datasheet
177Kb / 2P
   1.5AMP Surface Mount Silicon Rectifiers
W005G SECOS-W005G Datasheet
202Kb / 2P
   1.5AMP Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
FR151G LUGUANG-FR151G Datasheet
177Kb / 2P
   1.5AMP. Glass Passivated Fast Recovery Rectifiers
logo
Tak Cheong Electronics ...
UF1501 TAK_CHEONG-UF1501 Datasheet
104Kb / 2P
   1.5AMP. Ultrafast Rectifiers竊뉷PP竊
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com