Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148WS Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # 1N4148WS
Description  Two Terminals SMD Switching Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4148WS Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  1N4148WS Datasheet HTML 1Page - TAITRON Components Incorporated 1N4148WS Datasheet HTML 2Page - TAITRON Components Incorporated 1N4148WS Datasheet HTML 3Page - TAITRON Components Incorporated 1N4148WS Datasheet HTML 4Page - TAITRON Components Incorporated 1N4148WS Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Two Terminals SMD Switching Diodes
Rev. A/JJ 2007-06-15
1N4148WS/1N4448WS/BAV16WS
www.taitroncomponents.com
Page 4 of 5
Packing Information:
Carrier Tape Dimensions
(in mm)
Reel Dimensions (in mm)
D
P0
P
W
E
A0
B0
Product Type
1.55±0.05
4.0±0.10
4.0±0.10
8.0+0.15/-0.3
1.75±0.10
1.50±0.10
2.75±0.10
B1
T
T2
D1
F
K0
P2
SOD-323
4.0±0.10
0.20±0.05
1.2±0.1
1.0±0.10
3.5±0.05
0.95±0.10
2.0±0.05
A
C
G
N
T
178.0±2.0
13.5±1.0
9.9 max.
50 min.
14.4 max.


Similar Part No. - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
1N4148WS WINNERJOIN-1N4148WS Datasheet
178Kb / 2P
   Fast Switching Speed
logo
Tak Cheong Electronics ...
1N4148WS TAK_CHEONG-1N4148WS Datasheet
660Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
logo
RFE international
1N4148WS RFE-1N4148WS Datasheet
1Mb / 3P
   High Speed Switching Diodes
16-12-2021
More results

Similar Description - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
MCL4148 TAITRON-MCL4148_10 Datasheet
188Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W Datasheet
253Kb / 5P
   Two Terminals SMD Switching Diodes
BAV19WS TAITRON-BAV19WS_10 Datasheet
213Kb / 6P
   Two Terminals SMD Switching Diodes
BAV19W TAITRON-BAV19W_09 Datasheet
191Kb / 5P
   Two Terminals SMD Switching Diodes
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
   Two Terminals SMD Switching Diode
1N4148WU TAITRON-1N4148WU Datasheet
182Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com