Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3620ET-30000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC3620ET-30000MTR
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC3620ET-30000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC3620ET-30000MTR Datasheet HTML 1Page - Ecliptek Corporation EC3620ET-30000MTR Datasheet HTML 2Page - Ecliptek Corporation EC3620ET-30000MTR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EC36 Series
• RoHS Compliant (Pb-Free)
• LVHCMOS output
• 3.3V Supply Voltage
• Ceramic SMD package
• Stability to ±20ppm
• Standby Function
• Available on Tape and Reel
ECLIPTEK CORP.
OSCILLATOR
EC36
CERAMIC
3.3V
OS91
01/06
OSCILLATOR
EC36
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
146
Specifications subject to change without notice.
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
Frequency Range (F
O)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)
Frequency Tolerance/Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Tri-State Input Voltage
Standby Current
Start Up Time (T
S)
RMS Phase Jitter
1.544MHz to 9.999MHz
10.000MHz to 34.999MHz
35.000MHz to 49.999MHz
50.000MHz to 70.000MHz
70.000001MHz to 100MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year
Aging at 25°C, Shock, and Vibration
20% to 80% of Waveform from 1.544MHz to 35.000MHz
20% to 80% of Waveform from 35.001MHz to 80.000MHz
20% to 80% of Waveform from 80.001MHz to 100.000MHz
at 50% of Waveform
at 50% of Waveform
< 35.000MHz
> 35.000MHz
No Connection
V
IH: 90% of VDD Minimum
V
IL: 10% of VDD Maximum
Disabled Output: High Impedance
12kHz to 20MHz offset frequency
1.544MHz to 100.000MHz
-10°C to 70°C
-40°C to 85°C
-55°C to 125°C
3.3V
DC ±10%
8mA Maximum
10mA Maximum
25mA Maximum
35mA Maximum
40mA Maximum
±100ppm, ±50ppm, 25ppm, or
±20ppm Maximum
90% of V
DD Minimum
(I
OH = -8mA)
10% of V
DD Maximum (IOL = +8mA)
6 nSeconds Maximum
4 nSeconds Maximum
2 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
30pF HCMOS Load Maximum
15pF HCMOS Load Maximum
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
10 mSeconds Maximum
1pSeconds Maximum
H 1.3
L 5.0
W 3.2


Similar Part No. - EC3620ET-30000MTR

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
EC36 ECM-EC36 Datasheet
101Kb / 6P
   Epoxy Coated Axial Chokes
logo
Productwell Precision E...
EC36-100K PRODUCTWELL-EC36-100K Datasheet
103Kb / 5P
   CONFORMAL COATED INDUCTORS
EC36-101K PRODUCTWELL-EC36-101K Datasheet
103Kb / 5P
   CONFORMAL COATED INDUCTORS
EC36-120K PRODUCTWELL-EC36-120K Datasheet
103Kb / 5P
   CONFORMAL COATED INDUCTORS
EC36-121K PRODUCTWELL-EC36-121K Datasheet
103Kb / 5P
   CONFORMAL COATED INDUCTORS
More results

Similar Description - EC3620ET-30000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com