Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC2900TTS-30.000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC2900TTS-30.000MTR
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC2900TTS-30.000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC2900TTS-30.000MTR Datasheet HTML 1Page - Ecliptek Corporation EC2900TTS-30.000MTR Datasheet HTML 2Page - Ecliptek Corporation EC2900TTS-30.000MTR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EC29 Series
• RoHS Compliant (Pb-Free)
• LVHCMOS output
• 1.8V Supply Voltage
• Ceramic SMD package
• Stability to 20ppm
• Standby Function
• Available on Tape and Reel
ECLIPTEK CORP.
OSCILLATOR
EC29
CERAMIC
1.8V
OS1B
01/06
OSCILLATOR
EC29
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Frequency Range (F
O)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)
Frequency Tolerance/Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Tri-State Input Voltage
Standby Current
Start Up Time (T
S)
RMS Phase Jitter
1.544MHz to 10.000MHz
10.001MHz to 25.000MHz
25.001MHz to 40.000MHz
40.001MHz to 50.000MHz
50.001MHz to 70.000MHz
70.001MHz to 100.000MHz
100.001MHz to 110.000MHz
110.001MHz to 125.000MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature
Range, Supply Voltage Change, Output Load Change,
First Year Aging at 25°C, Shock, and Vibration
I
OH=-2.8mA, 1.544MHz to 40.000MHz
I
OH=-8mA, 40.001MHz to 125.000MHz
I
OL=2.8mA, 1.544MHz to 40.000MHz
I
OL=8mA, 40.001MHz to 125.000MHz
< 40.000MHz 10% to 90% of Waveform
> 40.000MHz 10% to 90% of Waveform
at 50% of Waveform
at 50% of Waveform
No Connection
V
IH: >90% of VDD
V
IL: <10% of VDD
Disabled Output: High Impedance, 1.544MHz to 40MHz
Disabled Output: High Impedance, 40.001MHz to 70MHz
Disabled Output: High Impedance, 70.001MHz to 125MHz
12kHz to 20MHz offset frequency
0°C to 70°C
-40°C to 85°C
-55°C to 125°C
1.8V
DC ±5%
2mA Maximum
3mA Maximum
4mA Maximum
8mA Maximum
10mA Maximum
18mA Maximum
20mA Maximum
25mA Maximum
±100ppm, ±50ppm, ±25ppm, or
±20ppm
90% of V
DD Minimum
90% of V
DD Minimum
10% of V
DD Maximum
10% of V
DD Maximum
6 nSeconds Maximum
3 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
15pF HCMOS Load Maximum
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
100µA Maximum
10µA Maximum
10 mSeconds Maximum
1pSeconds Maximum
H 1.6
L 7.0
W 5.0
1.544MHz to 80.000MHz and 98.304MHz, 100.000MHz, 106.250MHz, 110.000MHz, 125.000MHz


Similar Part No. - EC2900TTS-30.000MTR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC2960 E-CMOS-EC2960 Datasheet
1Mb / 13P
   Source and Shink 1.5A/2A Fast Transient Response Line Regulator
EC2960ANMHR E-CMOS-EC2960ANMHR Datasheet
1Mb / 13P
   Source and Shink 1.5A/2A Fast Transient Response Line Regulator
EC2960NNMHR E-CMOS-EC2960NNMHR Datasheet
1Mb / 13P
   Source and Shink 1.5A/2A Fast Transient Response Line Regulator
logo
NEC
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
More results

Similar Description - EC2900TTS-30.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com