Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRL5017RX6-03I Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSRL5017RX6-03I
Description  Up to 600 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL5017RX6-03I Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSRL5017RX6-03I Datasheet HTML 1Page - Wall Industries,Inc. PSRL5017RX6-03I Datasheet HTML 2Page - Wall Industries,Inc. PSRL5017RX6-03I Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL5017R6-
I Series
Up to 600 Watts
Single Output with Active PFC
Forced Current Sharing Series
AC/DC Switching Power Supply
MECHANICAL DRAWINGS
PSRL5017RU6-
I Series (U-Chassis Type): 8(L) x 4.33(W) x 2.5(H) inches; Weight: 1350g; Option: Top Cover.
PSRL5017RE6-
I Series (Enclosed with built-in Fan Type): 9.17(L) x 4.25(W) x 2.5(H) inches; Weight: 1450g.
I/O CONNECTOR PIN ASSIGNMENT
AC Input Connector (CN1):
Enclosed Type: IEC320 or equivalent Snap-in mounting type or DINKLE Terminal block Part No. DT-35-A02W-03 (3 pin).
U-Chassis Type: Mating Molex Part No. 09-91-0700 or equivalent (7 pin. 5 used) or Howder Terminal block Part No. HD-121-3P.
Output Connector (CN2):
Mating Molex Part No. 09-91-2000 (20 pin) or Howder Terminal block Part No. HD-121-8P (8 pin).
Output Pin Assignment: (See table at right)
Logic signal connectors (CN3):
Mating JST XHP-7 or equivalent (CHYAO SHIUNN JS-2001-07).
Fan Drive: 12VDC/500mA Mating JST XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).
Mounting Inserts: 6-32, M4 4 Places individually with maximum penetration 0.2 inch on bottom side and 0.25 inch on both sides.
Output Pin Connection
Howder
Molex
Vo+
Pins 1 – 4
Pins 1 – 10
Vo-
Pins 5 – 8
Pins 11 – 20


Similar Part No. - PSRL5017RX6-03I

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5017RX6-03 WALL-PSRL5017RX6-03 Datasheet
334Kb / 3P
   Up to 600 Watts Single Output with Active PFC AC/DC Switching Power Supply
More results

Similar Description - PSRL5017RX6-03I

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5017R5-I WALL-PSRL5017R5-I Datasheet
341Kb / 3P
   Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R8-NI WALL-PSRL5017R8-NI Datasheet
424Kb / 4P
   Up to 800 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R3-I WALL-PSRL5017R3-I Datasheet
210Kb / 3P
   Up to 300 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R6 WALL-PSRL5017R6 Datasheet
334Kb / 3P
   Up to 600 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL0501 WALL-PSRL0501 Datasheet
253Kb / 4P
   Up to 350 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R3 WALL-PSRL5017R3 Datasheet
203Kb / 3P
   Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8 WALL-PSRL5017R8 Datasheet
333Kb / 3P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R5 WALL-PSRL5017R5 Datasheet
334Kb / 3P
   Up to 500 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8-N WALL-PSRL5017R8-N Datasheet
416Kb / 4P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL0402-I WALL-PSRL0402-I Datasheet
294Kb / 4P
   400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com