Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST62E60C Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST62E60C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E60C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST62E60C Datasheet HTML 2Page - STMicroelectronics ST62E60C Datasheet HTML 3Page - STMicroelectronics ST62E60C Datasheet HTML 4Page - STMicroelectronics ST62E60C Datasheet HTML 5Page - STMicroelectronics ST62E60C Datasheet HTML 6Page - STMicroelectronics ST62E60C Datasheet HTML 7Page - STMicroelectronics ST62E60C Datasheet HTML 8Page - STMicroelectronics ST62E60C Datasheet HTML 9Page - STMicroelectronics ST62E60C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
6/86
ST62T53C/T60C/T63C ST62E60C
1.2 PIN DESCRIPTIONS
VDD and VSS. Power is supplied to the MCU via
these two pins. VDD is the power connection and
VSS is the ground connection.
OSCin and OSCout. These pins are internally
connected to the on-chip oscillator circuit. A quartz
crystal, a ceramic resonator or an external clock
signal can be connected between these two pins.
The OSCin pin is the input pin, the OSCout pin is
the output pin.
RESET. The active-low RESET pin is used to re-
start the microcontroller.
TEST/V
PP. The TEST must be held at VSS for nor-
mal operation. If TEST pin is connected to a
+12.5V level during the reset phase, the EPROM/
OTP programming Mode is entered.
NMI. The NMI pin provides the capability for asyn-
chronous interruption, by applying an external non
maskable interrupt to the MCU. The NMI input is
falling edge sensitive. It is provided with an on-chip
pullup resistor (if option has been enabled), and
Schmitt trigger characteristics.
PA0-PA3. These 4 lines are organized as one I/O
port (A). Each line may be configured under soft-
ware control as inputs with or without internal pull-
up resistors, interrupt generating inputs with pull-
up resistors, open-drain or push-pull outputs, ana-
log inputs for the A/D converter.
PB0-PB3. These 4 lines are organized as one I/O
port (B). Each line may be configured under soft-
ware control as inputs with or without internal pull-
up resistors, interrupt generating inputs with pull-
up resistors, open-drain or push-pull outputs.
PB0-PB3 can also sink 30mA for direct LED
driving.
PB6/ARTIMin, PB7/ARTIMout. These pins are ei-
ther Port B I/O bits or the Input and Output pins of
the AR TIMER. To be used as timer input function
PB6 has to be programmed as input with or with-
out pull-up. A dedicated bit in the AR TIMER Mode
Control Register sets PB7 as timer output function.
PB6-PB7 can also sink 30mA for direct LED driv-
ing.
PC2-PC4. These 3 lines are organized as one I/O
port (C). Each line may be configured under soft-
ware control as input with or without internal pull-
up resistor, interrupt generating input with pull-up
resistor, analog input for the A/D converter, open-
drain or push-pull output.
PC2-PC4 can also be used as respectively Data
in, Data out and Clock I/O pins for the on-chip SPI
to carry the synchronous serial I/O signals.
Figure 2. ST62T53C/T60C/T63C/E60C Pin
Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
PB0
PB1
VPP/TEST
PB2
PB3
Ain/PA0
VSS
VDD
PC2 / Sin / Ain
RESET
PA1/Ain
ARTIMin/PB6
ARTIMout/PB7
PC3 / Sout / Ain
PC4 / Sck / Ain
NMI
OSCin
OSCout
PA2/Ain
PA3/Ain
6


Similar Part No. - ST62E60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62E60C STMICROELECTRONICS-ST62E60C Datasheet
916Kb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62E60CF1 STMICROELECTRONICS-ST62E60CF1 Datasheet
916Kb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62E60CF1 STMICROELECTRONICS-ST62E60CF1 Datasheet
1Mb / 83P
   8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
More results

Similar Description - ST62E60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C_01 Datasheet
916Kb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T55CM-AUTO STMICROELECTRONICS-ST62T55CM-AUTO Datasheet
1Mb / 79P
   8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T52C STMICROELECTRONICS-ST62T52C_02 Datasheet
907Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52CM-AUTO STMICROELECTRONICS-ST62T52CM-AUTO Datasheet
1Mb / 72P
   8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com