Part Name
         Description
V53C16258L

 HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH ( 20 Page)


MOSEL
100% 
Zoom Out Zoom In
 
 3 page
background image
3
V53C16258L Rev. 1.1 June 1999
MOSEL VITELIC
V53C16258L
Absolute Maximum Ratings*
Ambient Temperature
Under Bias ..................................... –10
°C to +80°C
Storage Temperature (plastic) ..... –55
°C to +125°C
Voltage Relative to VSS .................–1.0 V to +4.6 V
Data Output Current ..................................... 50 mA
Power Dissipation .......................................... 1.0 W
*Note: Operation above Absolute Maximum Ratings can
adversely affect device reliability.
Capacitance*
TA = 25°C, VCC = 3.3 V ± 0.3V, VSS = 0 V
* Note: Capacitance is sampled and not 100% tested
Symbol
Parameter
Typ.
Max.
Unit
CIN1
Address Input
3
4
pF
CIN2
RAS, CAS, WE, OE
4
5
pF
COUT
Data Input/Output
5
7
pF
Block Diagram
A0
A1
A7
A8
SENSE AMPLIFIERS
REFRESH
COUNTER
VCC
VSS
9
I/O 1
X0 -X
512
MEMORY
ARRAY
512 x 512 x 16
COLUMN DECODERS
DATA I/O BUS
Y0 -Y8
512 x 16
I/O
BUFFER
16258L-04
I/O2
I/O3
I/O4
OE CLOCK
GENERATOR
WE CLOCK
GENERATOR
CAS CLOCK
GENERATOR
RAS CLOCK
GENERATOR
OE
WE
LCAS
RAS
8
I/O 5
I/O6
I/O7
I/O8
I/O 9
I/O10
I/O11
I/O12
I/O 13
I/O14
I/O15
I/O16
UCAS
256K x 16



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V53C16258HHIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C16258SHHIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C808HHIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C832LHIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C518165A1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C8258HHIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C316405A3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C318165A3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C16256SH256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C104HIGH PERFORMANCE LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl