Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF56 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSF56
Description  5.0A Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSF56 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSF56 Datasheet HTML 1Page - TAITRON Components Incorporated TSF56 Datasheet HTML 2Page - TAITRON Components Incorporated TSF56 Datasheet HTML 3Page - TAITRON Components Incorporated TSF56 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
TSF51 – TSF56
5.0A Super Fast
Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
5.0A Super Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Good for switching mode application
• High temperature soldering guaranteed 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
DO-201AD, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
1.2 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TSF51
TSF52
TSF53
TSF54
TSF55
TSF56
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
150
200
300
400
V
VRMS
Maximum RMS Voltage
35
70
105
140
210
280
V
VDC
Maximum DC Blocking
Voltage
50
100
150
200
300
400
V
IAV
Maximum Average
Forward Rectified
Current
5.0
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
150
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
DO-201AD


Similar Part No. - TSF56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF5 ETC1-TSF5 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
SHENZHEN DOINGTER SEMIC...
TSF50N06M DOINGTER-TSF50N06M Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
TSF5N60M VBSEMI-TSF5N60M Datasheet
1Mb / 9P
   Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSF5N65M DOINGTER-TSF5N65M Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - TSF56

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF51 ZSELEC-SF51 Datasheet
118Kb / 2P
   5.0A SUPER FAST RECTIFIER
logo
Gaomi Xinghe Electronic...
SF51 GXELECTRONICS-SF51 Datasheet
433Kb / 2P
   5.0A SUPER-FAST RECTIFIER
logo
Won-Top Electronics
SF51 WTE-SF51 Datasheet
47Kb / 3P
   5.0A SUPER-FAST RECTIFIER
logo
Zibo Seno Electronic En...
ER501 ZSELEC-ER501 Datasheet
123Kb / 2P
   5.0A SUPER FAST RECTIFIER
logo
TAITRON Components Inco...
TUF501 TAITRON-TUF501 Datasheet
136Kb / 4P
   5.0A Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
47Kb / 2P
   5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
logo
SUNMATE electronic Co.,...
SF51 SUNMATE-SF51 Datasheet
176Kb / 2P
   5.0A Axial Leaded Super Fast Rectifier Diodes
logo
Won-Top Electronics
ED502S WTE-ED502S Datasheet
49Kb / 3P
   5.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
ED502YS WTE-ED502YS Datasheet
49Kb / 3P
   5.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
logo
Zibo Seno Electronic En...
FR501 ZSELEC-FR501 Datasheet
83Kb / 2P
   5.0A FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com