Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF31 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TSF31
Description  3.0A Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSF31 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TSF31 Datasheet HTML 1Page - TAITRON Components Incorporated TSF31 Datasheet HTML 2Page - TAITRON Components Incorporated TSF31 Datasheet HTML 3Page - TAITRON Components Incorporated TSF31 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.0A Super Fast Recovery Rectifier
Rev. A/DX 2007-06-04
TSF31 – TSF36
www.taitroncomponents.com
Page 2 of 4
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Typical Characteristics Curves
Symbol
Description
TSF31
TSF32
TSF33
TSF34
TSF35
TSF36
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
0.95
1.25
V
IF=3.0 A
5.0
TA=25° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
100
µA
TA=100° C
Trr
Typical Reverse
Recovery Time
35
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance
100
80
pf
VR=4V, f=1MHz
TJ
Operating
Temperature range
-55 to +125
TSTG
Storage Temperature
Range
-55 to +150
° C


Similar Part No. - TSF31

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TSF310D00-S4 TOKEN-TSF310D00-S4 Datasheet
476Kb / 14P
   Front End Filters
TSF315D00A-D1 TOKEN-TSF315D00A-D1 Datasheet
476Kb / 14P
   Front End Filters
TSF315D00B-D2 TOKEN-TSF315D00B-D2 Datasheet
476Kb / 14P
   Front End Filters
TSF315D00C-S4 TOKEN-TSF315D00C-S4 Datasheet
476Kb / 14P
   Front End Filters
TSF315D00D-S4 TOKEN-TSF315D00D-S4 Datasheet
476Kb / 14P
   Front End Filters
More results

Similar Description - TSF31

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF31 DIODES-SF31 Datasheet
59Kb / 2P
   3.0A SUPER-FAST RECOVERY RECTIFIER
DS24003 Rev. C-3
RS3A DIODES-RS3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
SF31 WTE-SF31 Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
logo
Zibo Seno Electronic En...
ER301 ZSELEC-ER301 Datasheet
122Kb / 2P
   3.0A SUPER FAST RECTIFIER
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com