Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGD34A Datasheet(PDF) 2 Page - Topstek Inc.

Part # TGD34A
Description  Topstek Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TGD34A Datasheet(HTML) 2 Page - Topstek Inc.

  TGD34A Datasheet HTML 1Page - Topstek Inc. TGD34A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Topstek Current Transducer TGD3A .. TGD40A
- 37 -
www.topstek.com
TGD
V0800708
7/8/2008
Secondary pins 5x(0.5x0.25)
Primary 4x d
Appearance, dimensions and pin identification
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.
Primary Current Input Pin Diameter
3A-9A
10A-14A
15A-24A
25A-40A
d(mm)
0.6
0.8
1.0
1.2
1
+5V
2
NC
3
VOUT1
4
VOUT2
5
GND
6
I1+
7
I1-
8
I2+
9
I2-


Similar Part No. - TGD34A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TGD TOPSTEK-TGD Datasheet
99Kb / 2P
   Topstek Current Transducer TGD3A .. TGD40A
TGD-3A TOPSTEK-TGD-3A Datasheet
99Kb / 2P
   Highly reliable Hall Effect device
logo
Vishay Siliconix
TGD50 VISHAY-TGD50 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
More results

Similar Description - TGD34A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com