Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSCDA34 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TSCDA34
Description  3.0A Low Profile Chip Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSCDA34 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TSCDA34 Datasheet HTML 1Page - TAITRON Components Incorporated TSCDA34 Datasheet HTML 2Page - TAITRON Components Incorporated TSCDA34 Datasheet HTML 3Page - TAITRON Components Incorporated TSCDA34 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.0A Low Profile Chip Schottky Rectifier
TSCDA32-TSCDA310
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 2 of 5
Fig.4- Typical Reverse Characteristics
Percent of Rated Reverse Voltage (%)
Fig.1- Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Typical Characteristics Curves
Fig.3- Typical Forward Characteristics
VF Instantaneous Forward Voltage (V)
Number of Cycles at 60Hz


Similar Part No. - TSCDA34

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCDA34L TAITRON-TSCDA34L Datasheet
176Kb / 4P
   3.0A Low Profile Chip Schottky Rectifier
More results

Similar Description - TSCDA34

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCDA32L TAITRON-TSCDA32L Datasheet
176Kb / 4P
   3.0A Low Profile Chip Schottky Rectifier
logo
Central Semiconductor C...
CPD77 CENTRAL-CPD77 Datasheet
38Kb / 1P
   Schottky Rectifier 3.0A Schottky Barrier Rectifier Chip
logo
Diodes Incorporated
B340LA DIODES-B340LA_1 Datasheet
459Kb / 3P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
B340LA DIODES-B340LA Datasheet
67Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
B340LA DIODES-B340LA_10 Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
SB320 DIODES-SB320 Datasheet
147Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com