Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD200A Datasheet(PDF) 1 Page - Topstek Inc.

Part # TD200A
Description  Topstek Current Transducers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TD200A Datasheet(HTML) 1 Page - Topstek Inc.

  TD200A Datasheet HTML 1Page - Topstek Inc. TD200A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducers TD25A .. TD400A
- 22 -
www.topstek.com
TD
V080201
7/1/2008
TD 25A~400A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (12 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TD
25A
TD
50A
TD
75A
TD
100A
TD
125A
TD
150A
TD
175A
TD
200A
TD
250A
TD
300A
TD
350A
TD
400A
Nominal Input Current
Ifn
A DC
25
50
75
100
125
150
175
200
250
300
350
400
Linear Range
Ifs
A DC
±75 ±150 ±225 ±300 ±375 ±450 ±525 ±525 ±550 ±550 ±550 ±600
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±35 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100(50 nominal)
Hysteresis Error
Voh
mV
Within ±35 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±12 mA nominal, ±15 mA max
Response Time (90%Vhn)
Tr
Psec
7
Psec max. @ d If /dt = Ifn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.05 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
Within
±1.5 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
28 g


Similar Part No. - TD200A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

Similar Description - TD200A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TESN50A TOPSTEK-TESN50A Datasheet
103Kb / 2P
   Topstek Current Transducers
TP25A TOPSTEK-TP25A Datasheet
106Kb / 2P
   Topstek Current Transducers
TW25A TOPSTEK-TW25A Datasheet
122Kb / 2P
   Topstek Current Transducers
TEGA40A TOPSTEK-TEGA40A Datasheet
102Kb / 2P
   Topstek Current Transducers
TPH25A TOPSTEK-TPH25A Datasheet
154Kb / 2P
   Topstek Current Transducers
TPW25A TOPSTEK-TPW25A Datasheet
158Kb / 2P
   Topstek Current Transducers
TN40A TOPSTEK-TN40A Datasheet
112Kb / 2P
   Topstek Current Transducers
TES50A TOPSTEK-TES50A Datasheet
105Kb / 2P
   Topstek Current Transducers
TE50A TOPSTEK-TE50A Datasheet
105Kb / 2P
   Topstek Current Transducers
logo
DIWELL Electronics Co.,...
TESN35A DIWELL-TESN35A Datasheet
430Kb / 3P
   Topstek Current Transducers TESN35A
10/11/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com