Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEGA60A Datasheet(PDF) 1 Page - Topstek Inc.

Part # TEGA60A
Description  Topstek Current Transducers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TEGA60A Datasheet(HTML) 1 Page - Topstek Inc.

  TEGA60A Datasheet HTML 1Page - Topstek Inc. TEGA60A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducers TEGA40A .. TEGA600A
- 30 -
www.topstek.com
TEGA
V080201
7/1/2008
TEGA 40A~600A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (12 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TEGA
40A
TEGA
60A
TEGA
90A
TEGA
100A
TEGA
110A
TEGA
130A
TEGA
200A
TEGA
250A
TEGA
400A
TEGA
470A
TEGA
600A
Nominal Input Current
Ifn
A DC
40
60
90
100
110
130
200
250
400
470
600
Linear Range
Ifs
A DC
±120
±180
±270
±300
±330
±390
±600
±750 ±1000 ±1000 ±1000
Nominal Output Voltage
Vhn
V
4 V ±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±35 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100
Hysteresis Error
Voh
mV
Within ±20 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity ( 0 -- ±Ifn)
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±12 mA nominal, ±15 mA max
Response Time (90%Vhn)
Tr
Psec
7
Psec max. @ d If /dt = Ifn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C < ±1.5 mV/°C < ±1.2 mV/°C
< ±1.0 mV/°C
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 85°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
66g


Similar Part No. - TEGA60A

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
TEG-MGBLX-C ATGBICS-TEG-MGBLX-C Datasheet
322Kb / 9P
   TEG-MGBLX TRENDnet Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
TEG-MGBSX-C ATGBICS-TEG-MGBSX-C Datasheet
293Kb / 8P
   TEG-MGBSX TRENDnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
TEG-MGBT-C ATGBICS-TEG-MGBT-C Datasheet
195Kb / 7P
   TEG-MGBT TRENDnet Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - TEGA60A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TESN50A TOPSTEK-TESN50A Datasheet
103Kb / 2P
   Topstek Current Transducers
TP25A TOPSTEK-TP25A Datasheet
106Kb / 2P
   Topstek Current Transducers
TW25A TOPSTEK-TW25A Datasheet
122Kb / 2P
   Topstek Current Transducers
TPH25A TOPSTEK-TPH25A Datasheet
154Kb / 2P
   Topstek Current Transducers
TPW25A TOPSTEK-TPW25A Datasheet
158Kb / 2P
   Topstek Current Transducers
TN40A TOPSTEK-TN40A Datasheet
112Kb / 2P
   Topstek Current Transducers
TES50A TOPSTEK-TES50A Datasheet
105Kb / 2P
   Topstek Current Transducers
TE50A TOPSTEK-TE50A Datasheet
105Kb / 2P
   Topstek Current Transducers
TD25A TOPSTEK-TD25A Datasheet
98Kb / 2P
   Topstek Current Transducers
logo
DIWELL Electronics Co.,...
TESN35A DIWELL-TESN35A Datasheet
430Kb / 3P
   Topstek Current Transducers TESN35A
10/11/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com