Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST6232BQ6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST6232BQ6
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6232BQ6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST6232BQ6 Datasheet HTML 6Page - STMicroelectronics ST6232BQ6 Datasheet HTML 7Page - STMicroelectronics ST6232BQ6 Datasheet HTML 8Page - STMicroelectronics ST6232BQ6 Datasheet HTML 9Page - STMicroelectronics ST6232BQ6 Datasheet HTML 10Page - STMicroelectronics ST6232BQ6 Datasheet HTML 11Page - STMicroelectronics ST6232BQ6 Datasheet HTML 12Page - STMicroelectronics ST6232BQ6 Datasheet HTML 13Page - STMicroelectronics ST6232BQ6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10/86
ST62T32B ST62E32B
MEMORY MAP (Cont’d)
1.3.3 Data Space
Data Space accommodates all the data necessary
for processing the user program. This space com-
prises the RAM resource, the processor core and
peripheral registers, as well as read-only data
such as constants and look-up tables in Program
memory.
1.3.3.1 Data ROM
All read-only data is physically stored in program
memory, which also accommodates the Program
Space. The program memory consequently con-
tains the program code to be executed, as well as
the constants and look-up tables required by the
application.
The Data Space locations in which the different
constants and look-up tables are addressed by the
processor core may be thought of as a 64-byte
window through which it is possible to access the
read-only data stored in Program memory.
1.3.3.2 Data RAM/EEPROM
In ST6232B and ST62E32B devices, the data
space includes 60 bytes of RAM, the accumulator
(A), the indirect registers (X), (Y), the short direct
registers (V), (W), the I/O port registers, the pe-
ripheral data and control registers, the interrupt
option register and the Data ROM Window register
(DRW register).
Additional RAM and EEPROM pages can also be
addressed using banks of 64 bytes located
between addresses 00h and 3Fh.
1.3.4 Stack Space
Stack space consists of six 12-bit registers which
are used to stack subroutine and interrupt return
addresses, as well as the current program counter
contents.
Table 3. Additional RAM/EEPROM Banks.
Table 4. ST62T32B/E32B Data Memory Space
Device
RAM
EEPROM
ST62T32B/E32B
2 x 64 bytes
2 x 64 bytes
DATA and EEPROM
000h
03Fh
DATA ROM WINDOW AREA
040h
07Fh
X REGIS TER
080h
Y REGIS TER
081h
V REGIS TER
082h
W REGISTE R
083h
DATA RAM
084h
0BFh
PORT A DATA REGISTER
0C0h
PORT B DATA REGISTER
0C1h
PORT C DATA REGISTER
0C2h
PORT D DATA REGISTER
0C3h
PORT A DIRECTION REGIS TER
0C4h
PORT B DIRECTION REGIS TER
0C5h
PORT C DIRECTION REGISTER
0C6h
PORT D DIRECTION REGISTER
0C7h
INTERRUPT OPTION REGISTER
0C8h*
DATA ROM WIND OW REGISTER
0C9h*
ROM BANK SELECT REGISTER
0CAh*
RAM/EEPROM BANK SELECT REGISTER
0CBh*
PORT A OPTION REGISTER
0CCh
PORT B OPTION REGISTER
0CDh
PORT C OPTION REGISTE R
0CEh
PORT D OPTION REGISTE R
0CFh
A/D DATA REGISTE R
0D0h
A/D CONTROL REGIS TER
0D1h
TIMER 1 PRESCALER REGIS TER
0D2h
TIMER 1 COUNTE R REGISTER
0D3h
TIMER 1 STATUS/CONTROL REGISTER
0D4h
RESERVED
0D5h
UART DATA SHIFT REGISTER
0D6h
UART STATUS CONTROL REGISTER
0D7h
WATCHDOG REGISTER
0D8h
RESERVED
0D9h
I/O INTERRUPT POLARIT Y REGISTER
0DAh
OSCILLATOR CONTROL REGISTER
0DBh
SPI INTERRUPT DISA BLE REGISTER
0DCh*
SPI DATA REGISTER
0DDh
RESERVED
0DEh
EEPROM CONTROL REGISTER
0DFh
ARTIM16 COMPARE MASK REG. LOW BYTE MASK
0E0h
ARTIM16 2ND STATUS CONTROL REGISTE R SCR2
0E1h
ARTIM16 3RD STATUS CONTROL REGISTE R SCR3
0E2h
ARTIM16 4TH STATUS CONTROL REGISTER SCR4
0E3h
ARTIM16 1ST STATUS CONTROL REGISTER SCR1
0E8h
ARTIM16 RELOAD CAPTURE REG. HIGH BYTE RLCP
0E9h
ARTIM16 RELOAD CAPTURE REG. LOW BYTE RLCP
0EAh
ARTIM16 CAPT URE REGISTER HIGH BYTE CP
0EBh
ARTIM16 CAPTURE REGISTER LOW BYTE CP
0ECh
ARTIM16 COMPAREVALUE REGISTER HIGH BYTE CMP 0EDh
ARTIM 16 COMPARE VALUE REGISTER LOWBYTE CMP 0EEh
ARTI M 16 COMPARE MASK REG. HIGH BYTE MASK
0EFh
RESERVED
0F0h
0FBh
PORT E DATA REGISTER
OFCh
PORT E DIRECTION REGIST ER
0FDh
PORT E OPTION REGISTER
0FEh
ACCUMULATOR
OFFh
* WRITE ONLY REGISTER
114


Similar Part No. - ST6232BQ6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6232 STMICROELECTRONICS-ST6232 Datasheet
223Kb / 3P
   8/16-Bit Micros
More results

Similar Description - ST6232BQ6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T35B STMICROELECTRONICS-ST62T35B Datasheet
617Kb / 82P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T30B STMICROELECTRONICS-ST62T30B Datasheet
577Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T30B STMICROELECTRONICS-ST62T30B_03 Datasheet
1Mb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
April 1998 Rev. 2.4
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C Datasheet
559Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C_01 Datasheet
916Kb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com