Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSCD032WS Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TSCD032WS
Description  300mA Low Profile Chip Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSCD032WS Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TSCD032WS Datasheet HTML 1Page - TAITRON Components Incorporated TSCD032WS Datasheet HTML 2Page - TAITRON Components Incorporated TSCD032WS Datasheet HTML 3Page - TAITRON Components Incorporated TSCD032WS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
300mA Low Profile Chip Schottky Rectifier
TSCD032WS-TSCD034WS
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 3 of 4
Reverse Voltage (V)
Fig.5-Typical junction capacitance
Marking Information:


Similar Part No. - TSCD032WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCD032WT TAITRON-TSCD032WT Datasheet
239Kb / 4P
   300mA Low Profile Chip Schottky Rectifier
More results

Similar Description - TSCD032WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCD032WT TAITRON-TSCD032WT Datasheet
239Kb / 4P
   300mA Low Profile Chip Schottky Rectifier
TSCDA12L TAITRON-TSCDA12L Datasheet
184Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
TSCD012WUR TAITRON-TSCD012WUR Datasheet
206Kb / 3P
   100mA Low Profile Chip Schottky Rectifier
TSCD052WS TAITRON-TSCD052WS Datasheet
204Kb / 4P
   500mA Low Profile Chip Schottky Rectifier
TSCDA32 TAITRON-TSCDA32 Datasheet
215Kb / 4P
   3.0A Low Profile Chip Schottky Rectifier
TSCDA32L TAITRON-TSCDA32L Datasheet
176Kb / 4P
   3.0A Low Profile Chip Schottky Rectifier
TSCD12WS TAITRON-TSCD12WS Datasheet
270Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
TSCD022WUR TAITRON-TSCD022WUR Datasheet
204Kb / 3P
   200mA Low Profile Chip Schottky Rectifier
TSCDA22 TAITRON-TSCDA22 Datasheet
209Kb / 4P
   2.0A Low Profile Chip Schottky Rectifier
TSCDA12 TAITRON-TSCDA12 Datasheet
213Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com