Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRL0501 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSRL0501
Description  Up to 350 Watts Single Output with Active PFC AC/DC Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL0501 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSRL0501 Datasheet HTML 1Page - Wall Industries,Inc. PSRL0501 Datasheet HTML 2Page - Wall Industries,Inc. PSRL0501 Datasheet HTML 3Page - Wall Industries,Inc. PSRL0501 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL0501 Series
Up to 350 Watts
Single Output with Active PFC
AC/DC Switching Power Supply
FEATURES
2 Year Warranty
Universal AC Input
Approved to UL CUL TUV CE and CB
Power Factor Corrected to EN61000-3-2 Class D
Compact Size & Power Density: 5.15 Watts/cu in.
Providing Peak Power 600W within 500uS Duty Duration
Low Leakage Current 500uA @ 240VAC / 200uA @ 120VAC
U-Chassis & Enclosed with Built-in Fan Mechanical Options
SPECIFICATIONS: PSRL0501 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC Full Range
Input Frequency
47 to 63Hz
Input Current
5.5A at 90VAC full load
Inrush Current
70A max @ 230VAC with full load and cold start.
Leakage Current
Regular type 1.5mA @240VAC. (Optional for 500µA max. at 240VAC / 200µA max. at 120VAC input).
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
350 Watts max with airflow.
Output Adjustability
Output user adjustable ±5% minimum.
Total Regulation
±1%
Output Current
See Table
Ripple & Noise (peak to peak)
±1%
Transient Response
Output voltage returns to within 1% in less than 2.5ms for a 50% dynamic load peak does not excess 5%.
Hold-Up Time
20ms min. at 80% of full load.
Overshoot
Turn on-off overshoot not exceed 5% nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
PROTECTION
Over Voltage Protection
Unit latching down when output exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Output voltage dropped in the event of excessive operating ambient 85°C and automatic recovery.
Over Load Protection
110-135% hiccup mode, auto-recovery.
AC Under Voltage Protection
Power shut down when Vin under 79 ±2V and automatic recovery once back over 86 ±3V.
Input Circuit Protection
One 250V/6.3A fuse inserted.
GENERAL SPECIFICATIONS
Efficiency
70% for 3.3V, 75% for 5V, 80% for 12V, and 82% min. for other outputs (Measuring at 230VAC and full load).
Withstand Voltage
1500 VAC input line to chassis, 3000VAC primary to secondary, and 1500VAC primary to core. All for 3 sec.
Burn In
45 ±5°C for one hour @ 230VAC with full load.
PFC
Power factor correction meets EN61000-3-2 Class D.
Power Good
Designated as PG on the PCB will go high 100-500ms after regulation and goes low 1ms before loss of
regulation.
Power Supply On
Green LED designated as LED1 on the PCB.
Grounding Test
Apply 25A from the ground pin to the far most earthed connection point. Max. resistance is 0.1 ohm.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
U Type: (U-Chassis): 8(L) x 4.25(W) x 2(H) inches.
F Type: (Enclosed with top built-in fan): 8(L) x 4.25(W) x 2.5(H) inches.


Similar Part No. - PSRL0501

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL0402 WALL-PSRL0402 Datasheet
286Kb / 4P
   400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC
PSRL0402-I WALL-PSRL0402-I Datasheet
294Kb / 4P
   400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC
PSRL0402D WALL-PSRL0402D Datasheet
293Kb / 4P
   400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC
PSRL0402DM WALL-PSRL0402DM Datasheet
294Kb / 4P
   400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL0402DMX-0312 WALL-PSRL0402DMX-0312 Datasheet
294Kb / 4P
   400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
More results

Similar Description - PSRL0501

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5017R3 WALL-PSRL5017R3 Datasheet
203Kb / 3P
   Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8 WALL-PSRL5017R8 Datasheet
333Kb / 3P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R5 WALL-PSRL5017R5 Datasheet
334Kb / 3P
   Up to 500 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8-N WALL-PSRL5017R8-N Datasheet
416Kb / 4P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R6 WALL-PSRL5017R6 Datasheet
334Kb / 3P
   Up to 600 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSSP500 WALL-PSSP500 Datasheet
164Kb / 3P
   Single Output Up to 486 Watts Built-In Active PFC Function AC/DC Switching Power Supply
PSRL5017R5-I WALL-PSRL5017R5-I Datasheet
341Kb / 3P
   Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R8-NI WALL-PSRL5017R8-NI Datasheet
424Kb / 4P
   Up to 800 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R6-I WALL-PSRL5017R6-I Datasheet
341Kb / 3P
   Up to 600 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R3-I WALL-PSRL5017R3-I Datasheet
210Kb / 3P
   Up to 300 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com