Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THDD10A Datasheet(PDF) 1 Page - Topstek Inc.

Part # THDD10A
Description  Topstek Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

THDD10A Datasheet(HTML) 1 Page - Topstek Inc.

  THDD10A Datasheet HTML 1Page - Topstek Inc. THDD10A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducer THDD5A .. THDD50A
- 43 -
www.topstek.com
THDD
V080201
7/1/2008
THDD 5A~50A
Features
iHighly reliable Hall Effect device
iCompact and light weight. Two sensors in one package
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (33 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using
UL classified materials, ensures protection against
environmental contaminants and vibration over a wide
temperature and humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
3A
5A
7.5A
10A
15A 18.5A 20A
25A
30A 37.5A 50A
Nominal Input Current
Ifn
A DC
3
5
7.5
10
15
18.5
20
25
30
37.5
50
Linear Range
Ifs
A DC
±9
±15
±22.5
±30
±45
±56
±60
±75
±90
±113
±150
Primary Wire Diameter
d
mm
0.6
0.8
1.0
1.2
1.6
1.6
1.6
1.6
1.6
1.6x2 1.6x2
Nominal Output Voltage
Vhn
V
4 V±1% @ If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±40 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100(50 nominal)
Hysteresis Error
Voh
mV
Within ±35 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±33 mA nominal, ±45 mA max
Response Time (90%Vhn)
Tr
Psec
3
Psec max. @ d If /dt = Ifn / Psec
Response Performance
-
%
10% Overshoot max.
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
< ±2 mV/°C
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
26 g


Similar Part No. - THDD10A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THDD-5A TOPSTEK-THDD-5A Datasheet
92Kb / 2P
   Highly reliable Hall Effect device
More results

Similar Description - THDD10A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com