Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPB226 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMTPB226
Description  TRISILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTPB226 Datasheet(HTML) 2 Page - STMicroelectronics

  SMTPB226 Datasheet HTML 1Page - STMicroelectronics SMTPB226 Datasheet HTML 2Page - STMicroelectronics SMTPB226 Datasheet HTML 3Page - STMicroelectronics SMTPB226 Datasheet HTML 4Page - STMicroelectronics SMTPB226 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
20
°C/W
Rth (j-a)
Junction to ambient.
On printed circuit with standard footprint dimensions.
75
°C/W
THERMAL RESISTANCES
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at stand-off voltage
VR
ContinuousReverse voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS (Tamb =25
°C)
Type
Marking
IRM @VRM
IR @VR
VBO @IBO
IH
C
max.
max.
note1
max.
note2
max.
min.
note3
typ.
note4
Laser
µAV
µAV
V
mA
mA
pF
SMTPB62
SMTPB68
SMTPB120
SMTPB200
SMTPB270
W07
W11
W21
W31
W43
2
2
2
2
2
56
61
108
180
243
50
50
50
50
50
62
68
120
200
270
82
90
160
267
360
800
800
800
800
800
150
150
150
150
150
160
160
140
130
120
All parameters tested at 25
°C, except where indicated.
Symbol
Parameter
Value
Unit
P
Power dissipation
Tlead =50
°C5
W
IPP
Peak pulse current
10/1000
µs
8/20
µs
2/10
µs
100
250
500
A
ITSM
Non repetitive surge peak on-state
current
tp = 20 ms
50
A
dV/dt
Critical rate of rise of off-state voltage
VRM
5KV/
µs
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to + 150
+ 150
°C
°C
TL
Maximum lead temperature for soldering during 10 s.
+ 260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
Note 1:
IR measured at VR guarantees VBRmin ≥ VR
Note 2:
Measured at 50 Hz (1 cycle) - See test circuit 1.
Note 3:
See test circuit 2.
Note 4:
VR = 1V, F = 1MHz. Refer to fig 3 for C versus VR.
SMTPBxxx
2/5


Similar Part No. - SMTPB226

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB220 BILIN-SMTPB220 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB220 TAYCHIPST-SMTPB220 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
More results

Similar Description - SMTPB226

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS5018B STMICROELECTRONICS-LS5018B Datasheet
47Kb / 5P
   TRISILTM
September 1998 Ed : 3A
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
   TRISILTM
January 2000 - Ed: 5B
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
   TRISILTM
November 1998 - Ed: 5A
SMTHBT200 STMICROELECTRONICS-SMTHBT200 Datasheet
56Kb / 6P
   TRISILTM FOR LINE CARD PROTECTION
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
   TRISILTM FOR TELECOM EQUIPMENT PROTECTION
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
   TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
   TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
March 2000 - Ed: 3B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com