Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK20A Datasheet(PDF) 3 Page - Topstek Inc.

Part # TK20A
Description  Topstek Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TK20A Datasheet(HTML) 3 Page - Topstek Inc.

  TK20A Datasheet HTML 1Page - Topstek Inc. TK20A Datasheet HTML 2Page - Topstek Inc. TK20A Datasheet HTML 3Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Topstek Current Transducer TK3A .. TK50A
- 64 -
www.topstek.com
TK
V080201
7/1/2008
25A to 50A PCB mounting hole layout
I -
-15V
Vout
0V
I +
Pin Assignment
max
max
Secondary pins 4x(0.5x0.3)
Primary
+15V
e(mm)
Part
Number
TK30A
d(mm)
1.6x2.8
TK50A
TK37.5A
Bottom View
TK25A
1.6x2.8
1.6x3.2
1.6x3.2
Positive current flow direction
1x2.8
1x2
1x2
1x2.8
Appearance, dimensions and pin identification for TK25A .. TK50A models
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Similar Part No. - TK20A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK20A20D TOSHIBA-TK20A20D Datasheet
225Kb / 9P
   Switching Voltage Regulators
TK20A20D TOSHIBA-TK20A20D Datasheet
225Kb / 9P
   Switching Voltage Regulators
logo
Inchange Semiconductor ...
TK20A20D ISC-TK20A20D Datasheet
342Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK20A25D TOSHIBA-TK20A25D Datasheet
238Kb / 9P
   Switching Voltage Regulators
logo
Inchange Semiconductor ...
TK20A25D ISC-TK20A25D Datasheet
342Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - TK20A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com