Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSQP100B Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSQP100B
Description  100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSQP100B Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSQP100B Datasheet HTML 1Page - Wall Industries,Inc. PSQP100B Datasheet HTML 2Page - Wall Industries,Inc. PSQP100B Datasheet HTML 3Page - Wall Industries,Inc. PSQP100B Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSQP100 Series
100 Watt Quad Output
Built-In Active PFC Function
AC/DC Switching Power Supply
FEATURES
● 3 Year Warranty
● Low Cost, High Reliability
● CH.4: Polarity is Selectable
● Cooling by Free Air Convection
● Universal AC Input / Full Range
● Fixed Switching Frequency at 100KHz
● Built-In Active PFC Function, PF > 0.95
● Soft-Start Circuit, Limiting AC Surge Current
● Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSQP100 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range (See Note 6)
90 ~ 264VAC (127 ~ 370VDC)
Input Frequency
47 to 63Hz
AC Current (typical)
1.5A @ 115VAC
0.75A @ 230VAC
Inrush Current (typical)
Cold Start ≤ 40A @ 230VAC
Leakage Current
< 3.5mA @ 240VAC
Power Factor (typical)
PF > 0.95 @ 230VAC
PF > 0.98 @ 115VAC and full load
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
PSQP1003A:
CH.1: ±3.0%
CH.2: ±3.0%
CH.3: ±6.0%
CH.4: ±5.0%
PSQP1003B:
CH.1: ±3.0%
CH.2: +3.0%
CH.3: ±6.0%
CH.4: ±5.0%
PSQP1003C:
CH.1: ±3.0%
CH.2: ±3.0%
CH.3: +8, -6%
CH.4: ±5.0%
PSQP1003D:
CH.1: ±3.0%
CH.2: ±3.0%
CH.3: ±6.0%
CH.4: ±5.0%
PSQP100B:
CH.1: ±3.0%
CH.2: ±6.0%
CH.3: +10, -6% CH.4: ±5.0%
PSQP100C:
CH.1: ±3.0%
CH.2: +6, -10% CH.3: ±8.0%
CH.4: ±5.0%
PSQP100D:
CH.1: ±3.0%
CH.2: ±3.0%
CH.3: ±6.0%
CH.4: ±5.0%
PSQP100F:
CH.1: ±3.0%
CH.2: ±3.0%
CH.3: ±6.0%
CH.4: ±5.0%
Line Regulation (See Note 4)
PSQP100B & PSQP100C: CH.1: ±1.0%
CH.2: ±2.0%
CH.3: ±2.0%
CH.4: ±1.0%
Other Models:
CH.1: ±1.0%
CH.2: ±1.0%
CH.3: ±2.0%
CH.4: ±1.0%
Load Regulation
PSQP100B:
CH.1: ±2.0%
CH.2: ±6.0%
CH.3: ±6.0%
CH.4: ±2.0%
Other Models: CH.1: ±2.0%
CH.2: ±2.0%
CH.3: ±6.0%
CH.4: ±2.0%
Voltage Adjustment Range
PSQP1003A, PSQP1003B, PSQP1003C, & PSQP1003D: CH.1: 4.75 ~ 5.5V, CH.2: 3.14 ~ 3.63V
PSQP100B & PSQP100C: CH.1: 4.75 ~ 5.5V
PSQP100D: CH.1: 4.75 ~ 5.5V, CH.2: 11.4 ~ 13.2V
PSQP100F: CH.1: 4.75 ~ 5.5V,
CH.2: 14.3 ~ 16.5V
Output Current
See Table
Ripple & Noise (max) (See Note 2)
See Table
Setup, Rise Time
PSQP100B & PSQP100C: 1000ms, 50ms at full load
Other Models: 800ms, 50ms @ 230VAC
800ms, 50ms @ 115VAC and full load
Hold Up Time (typical)
24ms @ 230VAC
24ms @ 115VAC and full load
Temperature Coefficient
±0.03%/°C (0 ~ 50°C)
PROTECTION
Overload Protection
PSQP100B & PSQP100C: 105 ~ 135% rated output power
Other Models: 105 ~ 150% rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Over Voltage Protection
PSQP1003A, PSQP1003B, PSQP1003C, & PSQP1003D CH.1: 5.75 ~ 6.75VDC CH.2: 3.8 ~ 4.4V
PSQP100B & PSQP100C: CH.1 5.75 ~ 6.75V
PSQP100D: CH.1 5.75 ~ 6.75V CH.2: 13.8 ~ 16.2V
PSQP100F: CH.1 5.75 ~ 6.75V
CH.2: 17.25 ~ 20.25V
Protection Type: Shutdown output voltage, re-power on to recover.
Over Temperature (Option)
95°C ±5°C (TSW1)
Protection Type: Shutdown output voltage, recovers automatically after temperature goes down.
GENERAL SPECIFICATIONS
Efficiency (typical)
See Table
Switching Frequency
100KHz
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)


Similar Part No. - PSQP100B

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PSQ0703 PREMO-PSQ0703 Datasheet
820Kb / 6P
   SMD Power Inductors Unshielded
PSQ0703-100K PREMO-PSQ0703-100K Datasheet
820Kb / 6P
   SMD Power Inductors Unshielded
PSQ0703-101K PREMO-PSQ0703-101K Datasheet
820Kb / 6P
   SMD Power Inductors Unshielded
PSQ0703-102K PREMO-PSQ0703-102K Datasheet
820Kb / 6P
   SMD Power Inductors Unshielded
PSQ0703-120K PREMO-PSQ0703-120K Datasheet
820Kb / 6P
   SMD Power Inductors Unshielded
More results

Similar Description - PSQP100B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
   75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
   1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
   1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP500 WALL-PSPSP500 Datasheet
207Kb / 5P
   500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSSP100 WALL-PSSP100 Datasheet
164Kb / 3P
   Single Output 100 Watt with PFC Function AC/DC Switching Power Supply
PSSP500 WALL-PSSP500 Datasheet
164Kb / 3P
   Single Output Up to 486 Watts Built-In Active PFC Function AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSPRL9802D WALL-PSPRL9802D Datasheet
184Kb / 3P
   Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com