Part Name
         Description
V53C16258H

 HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH ( 20 Page)


MOSEL
100% 
Zoom Out Zoom In
 
 5 page
background image
5
MOSEL VITELIC
V53C16258H
V53C16258H Rev. 3.8 November 1999
AC Characteristics
TA = 0°C to 70°C, VCC = 5 V ± 10%, VSS = 0V unless otherwise noted
AC Test conditions, input pulse levels 0 to 3V
#
Symbol
Parameter
25
(100 MHz)
30
35
40
45
50
Unit Notes
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
1
tRAS
RAS Pulse Width
25
75K
30
75K
35
75K
40
75K
45
75K
50
75K
ns
2
tRC
Read or Write Cycle Time
45
60
70
75
80
90
ns
3
tRP
RAS Precharge Time
15
20
25
25
25
30
ns
4
tCSH
CAS Hold Time
25
30
35
40
45
50
ns
5
tCAS
CAS Pulse Width
4
5
6
7
8
9
ns
6
tRCD
RAS to CAS Delay
10
17
12
20
13
24
15
28
18
32
19
36
ns
4
7
tRCS
Read Command Setup Time
0
0
0
0
0
0
ns
8
tASR
Row Address Setup Time
0
0
0
0
0
0
ns
9
tRAH
Row Address Hold Time
4
5
6
7
8
9
ns
10
tASC
Column Address Setup Time
0
0
0
0
0
0
ns
11
tCAH
Column Address Hold Time
4
5
5
5
6
7
ns
12
tRSH (R)
RAS Hold Time (Read Cycle)
7
9
10
10
10
10
ns
13
tCRP
CAS to RAS Precharge Time
5
5
5
5
5
5
ns
14
tRCH
Read Command Hold Time
Referenced to CAS
0
0
0
0
0
0
ns
5
15
tRRH
Read Command Hold Time
Referenced to RAS
0
0
0
0
0
0
ns
5
16
tROH
RAS Hold Time Referenced
to OE
4
6
7
8
9
10
ns
17
tOAC
Access Time from OE
8
10
11
12
13
14
ns
12
18
tCAC
Access Time from CAS
8
10
11
12
13
14
ns 6, 7, 14
19
tRAC
Access Time from RAS
25
30
35
40
45
50
ns
6, 8, 9
20
tCAA
Access Time from Column
Address
13
16
18
20
22
24
ns 6, 7, 10
21
tLZ
OE or CAS to Low-Z Output
0
0
0
0
0
0
ns
16
22
tHZ
OE or CAS to High-Z Output
0
5
0
5
0
6
0
6
0
7
0
8
ns
16
23
tAR
Column Address Hold Time
from RAS
19
23
25
30
35
40
ns
24
tRAD
RAS to Column Address
Delay Time
8
13
9
14
10
17
12
20
13
23
14
26
ns
11
25
tRSH (W) RAS or CAS Hold Time in
Write Cycle
7
9
10
10
10
10
ns
26
tCWL
Write Command to CAS
Lead Time
5
7
8
10
13
14
ns
27
tWCS
Write Command Setup Time
0
0
0
0
0
0
ns
12, 13
28
tWCH
Write Command Hold Time
4
5
5
5
6
7
ns



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V53C16258LHIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C16258SHHIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C808HHIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C8258HHIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C518165A1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C832LHIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C16256SH256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C104HIGH PERFORMANCE LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C104AHIGH PERFORMANCE LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp
V53C104BHIGH PERFORMANCE LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM 1 2 3 4 5 MoreMosel Vitelic, Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl