Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6218-250TD-GT3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT6218-250TD-GT3
Description  300mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6218-250TD-GT3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT6218-250TD-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT6218-250TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6218-250TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6218-250TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6218-250TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6218-250TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6218-250TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6218-250TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6218-250TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT6218
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-10010 Rev. C
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS (shown for 2.85V output option)
VIN = 3.85V, IOUT = 100μA, CIN = COUT = 1μF, CBYP = 10nF, TA = 25°C unless otherwise specified.
Output Voltage vs. Load Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100 200 300 400 500 600 700
OUTPUT LOAD CURRENT [mA]
Ground Current vs. Input Voltage
0
10
20
30
40
50
60
70
0.0
1.0
2.0
3.0
4.0
5.0
6.0
INPUT VOLTAGE [V]
Dropout vs. Temperature (300mA Load)
100
150
200
250
300
350
-40
-10
20
50
80
110 140
TEMPERATURE [°C]
Dropout vs. Load Current
0
50
100
150
200
250
300
0
50
100 150 200 250 300
OUTPUT LOAD CURRENT [mA]
Enable Threshold vs. Input Voltage
0.0
0.4
0.8
1.2
1.6
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE [V]
PSRR vs. Frequency (10mA Load)
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
FREQUENCY [kHz]
CBYP = 0
CBYP = 10nF


Similar Part No. - CAT6218-250TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218-250TDGT3 ONSEMI-CAT6218-250TDGT3 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218-250TDGT3 ONSEMI-CAT6218-250TDGT3 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results

Similar Description - CAT6218-250TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com