Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6217-180TD-GT3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT6217-180TD-GT3
Description  150mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6217-180TD-GT3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT6217-180TD-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT6217-180TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6217-180TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6217-180TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6217-180TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6217-180TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6217-180TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6217-180TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6217-180TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT6217
Doc. No. MD-10011 Rev. D
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS (shown for 2.85V output version)
VIN = 3.85V, IOUT = 100μA, CIN = COUT = 1μF, CBYP = 10nF, TA = 25°C unless otherwise specified.
Dropout Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
INPUT VOLTAGE [V]
100μA
150mA
Line Regulation
2.82
2.83
2.84
2.85
2.86
2.87
2.5
3.0 3.5
4.0 4.5
5.0 5.5
INPUT VOLTAGE [V]
Load Regulation
2.75
2.80
2.85
2.90
2.95
0
25
50
75
100 125 150
OUTPUT LOAD CURRENT [mA]
Output Voltage vs. Temperature
2.82
2.83
2.84
2.85
2.86
2.87
-40
-10
20
50
80
110 140
TEMPERATURE [°C]
Ground Current vs. Load Current
50
60
70
80
90
100
0
25
50
75
100 125 150
OUTPUT LOAD CURRENT [mA]
Ground Current vs. Temperature
45
50
55
60
65
-40
-10
20
50
80
110 140
TEMPERATURE [°C]


Similar Part No. - CAT6217-180TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217-180TD-GT3 CATALYST-CAT6217-180TD-GT3 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
More results

Similar Description - CAT6217-180TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com