Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5807 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5807
Description  Silicon NPN Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5807 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5807 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 4Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
2SC5807 is a silicon NPN epitaxial Transistor.
It designed with high collector current and high collector dissipation.
FEATURE
●High collector current IC=5A
●Small collector to Emitter saturation voltage
VCE(sat)=0.25V TYP. (@IC=4A,IB=100mA)
●High collector dissipation PC=500mW
APPLICATION
For storobe ,DC/DC convertor,power amplify apprication
〈Transistor〉
2SC5807
For Low Frequency Amplify Application
Silicon NPN Epitaxial Type
OUTLINE DRAWING
Unit:mm
Note)
The dimension without tolerance represent central value.
MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
RATINGS
UNIT
V
CBO
Collector to Base voltage
50
V
V
EBO
Emitter to Base voltage
6
V
V
CEO
Collector to Emitter voltage
15
V
I
C
Collector current
5
I
CM
Peak Collecter current *1
10
A
Collector dissipation (Total、Ta=25℃)
0.5
P
C
Collector dissipation (Total、Ta=25℃) *2
2
W
T
j
Junction temperature
+150
T
stg
Storage temperature
-55∼+150
*1 Single Pulse Pw=10msec
*2 Pakkage mounted on 35mm
×50mm×0.8mm ceramic board.
MARKING
A K
TYPE NAME
LOT No.
FE ITEM
TERMINAL CONNECTER
E: EMITTER
C: COLLECTOR
B: BASE
EIAJ : SC-62
JEDEC :
E
C
B
4.6 MAX
1.6
3.0
1.5
0.53
MAX
0.48 MAX
1.5
0.4
MARKING
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - 2SC5807

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5807 ISAHAYA-2SC5807 Datasheet
78Kb / 5P
   SILICON NPN EPITAXIAL TYPE
More results

Similar Description - 2SC5807

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
   SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
   Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
   Silicon NPN Epitaxial Type
logo
Toshiba Semiconductor
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
   Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501 Datasheet
175Kb / 5P
   Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
   Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
   Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
   SILICON NPN EPITAXIAL TYPE
logo
Toshiba Semiconductor
BD135 TOSHIBA-BD135 Datasheet
214Kb / 3P
   SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com