Electronic Components Datasheet Search |
|
450TB24F252A1G2 Datasheet(PDF) 1 Page - CTS Corporation |
|
450TB24F252A1G2 Datasheet(HTML) 1 Page - CTS Corporation |
1 / 9 page ® Industrial 15/16" (24mm) Diameter 1/2 Watt Composition Variable Resistors • Low cost • Versatile mounting styles: – bushing – twist tab – bend tab – snap-in PC bracket – solder lug or PC terminals • Wide resistance range • Molded / metal shaft & bushing • Pull-push, Push-push and rotary power switches • Shaft and bushing waterseal available • Rear extended shaft available • Single, tandem, or concentric constructions • Special vernier adjust (multiturn) construction available for fine adjustment • Long life construction available Series 450 Electrical and Mechanical Specifications Resistance Range 100 ohms through 10 megohms (linear taper) Long life construction - 10K ohms through 5 megohms (linear taper) Resistance Tolerance Standard: ±20% Power Rating, Watts 1/2 watt 10K ohms, 1/3 watt; above 10K ohms through 100K ohms, 1/4watt above 100K ohms. Full rating @ 55°C, derated to no load at 85°C Voltage Rating Bushing to Terminals: High pot test, one minute Standard construction – 1080VAC Vernier construction – 1000VAC Operating maximum – 750VDC Across End Terminals: 500 VDC, load not to exceed listed wattage ratings. Special: 1500/1800VAC high pot available. (continued on next page) Features Resistance Tapers Standard – Linear,10% Audio and 10% CCW Audio Special – Consult CTS Rotational Angle Standard Construction Total Rotation: with rotary switch — 320° ± 5° Total Rotation: without switch or with push-pull or push-push switches — 300° ± 5° Vernier Adjust Construction Effective Rotation With or without switch — 300° (approximate) Special angle available — consult CTS Bushing Information Diameter: EIA Standard 3/8"-32 UNEF-2A thread. Standard length: 3/8" or 1/4" (9.53mm or 6.35mm) Special length available upon request Metric bushing available upon request All models of 450 series pot. are now RoHS compliant except 040 and 041 push-push power switches. The two models of power switches are RoHS compliant available upon request. Special: ±10% Shaft Rotational Angle VA-450 – 3700° – 10 turns 1 /4 5VA-450 – 2000° – 5 turns 1 /2 1 - 9 01/25/07 CTS Electronic Components www.ctscorp.com RoHS Compliant © 2007 CTS Corporation. All rights reserved. Information subject to change. |
Similar Part No. - 450TB24F252A1G2 |
|
Similar Description - 450TB24F252A1G2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |