Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4008V-T1 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT4008V-T1
Description  8-Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4008V-T1 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT4008V-T1 Datasheet HTML 1Page - Catalyst Semiconductor CAT4008V-T1 Datasheet HTML 2Page - Catalyst Semiconductor CAT4008V-T1 Datasheet HTML 3Page - Catalyst Semiconductor CAT4008V-T1 Datasheet HTML 4Page - Catalyst Semiconductor CAT4008V-T1 Datasheet HTML 5Page - Catalyst Semiconductor CAT4008V-T1 Datasheet HTML 6Page - Catalyst Semiconductor CAT4008V-T1 Datasheet HTML 7Page - Catalyst Semiconductor CAT4008V-T1 Datasheet HTML 8Page - Catalyst Semiconductor CAT4008V-T1 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT4008
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-5034 Rev. A
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
VDD Supply Voltage
6
V
Logic input/output voltage (SIN, SOUT, CLK, BLANK, LATCH)
-0.3V to VDD+0.3V
V
LEDn voltage
6
V
DC output current on LED1 to LED8
150
mA
Storage Temperature Range
-55 to +160
°C
Junction Temperature Range
-40 to +150
°C
Lead Soldering Temperature (10sec.)
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
VDD
3.0 to 5.5
V
Voltage applied to LED1 to LED8
0.4 to 5.5
V
LED current RSET control range
up to 100
mA
Ambient Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS
DC CHARACTERISTICS
VDD = 5.0V, TAMB = 25 ºC, over recommended operating conditions unless specified otherwise.
Symbol Name
Conditions
Min
Typ
Max
Units
VLED = 1V, RSET = 3.08kΩ
18
20
22
VLED = 1V, RSET = 1.54kΩ
36
40
44
ILED-ACC
LED Current (any channel)
VLED = 1V, RSET = 769Ω
80
mA
VLED = 1V, RSET = 3.08kΩ
±1.5
VLED = 1V, RSET = 1.54kΩ
-6.0
±1.5
+6.0
ILED-MAT
LED Current Matching
(ILED - ILEDAVR) / ILEDAVR
VLED = 1V, RSET = 769Ω
±2.0
%
ΔIVDD
LED current regulation vs. VDD
VDD within 4.5V and 5.5V
LED current 30mA
±0.1
% / V
ΔIVLED
LED current regulation vs. VLED
VLED within 1V and 3V
LED current 30mA
±0.05
% / V
RSET = 3.08kΩ
2
8
mA
IDDOFF
Supply Current (all outputs off)
RSET = 769Ω
5.5
mA
RSET = 3.08kΩ
2.5
9
mA
IDDON
Supply Current (all outputs on)
RSET = 769Ω
6.2
mA
ILKG
LEDn output Leakage
VLED = 5V, outputs off
-1
1
µA
RLATCH
LATCH Pull-down Resistance
100
180
300
kΩ
RBLANK
BLANK Pull-up Resistance
100
180
300
kΩ
VIH
VIL
Logic high input voltage
Logic low input voltage
0.7xVDD
0.3xVDD
V
V
VHYS
Logic input hysteresis voltage
0.1xVDD
V
IIL
Logic Input leakage current
(CLK, SIN)
VI = VDD or GND
-5
0
5
µA
VOH
VOL
SOUT logic high output voltage
SOUT logic low output voltage
IOH = -1mA
IOL = 1mA
VCC-0.3V
0.3
V
VRSET
RSET Regulated Voltage
BLANK high, outputs off
1.17
1.20
1.23
V
TSD
Thermal Shutdown
160
ºC
THYST
Thermal Hysteresis
20
ºC


Similar Part No. - CAT4008V-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4008V-T1 ONSEMI-CAT4008V-T1 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
CAT4008V-T1 ONSEMI-CAT4008V-T1 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results

Similar Description - CAT4008V-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008W-T2 ONSEMI-CAT4008W-T2 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
logo
Marktech Corporate
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com