Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSMF14 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TSMF14
Description  1.0A Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSMF14 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TSMF14 Datasheet HTML 1Page - TAITRON Components Incorporated TSMF14 Datasheet HTML 2Page - TAITRON Components Incorporated TSMF14 Datasheet HTML 3Page - TAITRON Components Incorporated TSMF14 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0A Surface Mount Schottky Rectifier
Rev. A/AH 2008-04-23
TSMF14
www.taitroncomponents.com
Page 2 of 4
Typical Characteristics Curves
Fig.1- Typical Instantaneous
Forward Characteristics
Forward Voltage (V)
Fig.2- PF(AV) – IF(AV)
Average Forward Current (A)
Fig.3- Surge Forward Current (Non-Repetitive)
Number of Cycles
Fig.4-
Ta IF(AV)
Average Forward Current (A)


Similar Part No. - TSMF14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1000 VISHAY-TSMF1000 Datasheet
38Kb / 4P
   High Speed IR Emitting Diode in ø SMD Package
Rev. 4, 31-Mar-00
TSMF1000 VISHAY-TSMF1000 Datasheet
491Kb / 9P
   High Speed IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSMF1000 VISHAY-TSMF1000 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 04-Sep-08
TSMF1000 VISHAY-TSMF1000 Datasheet
183Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.8, 30-Jun-11
TSMF1000 VISHAY-TSMF1000 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
More results

Similar Description - TSMF14

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS12 TAITRON-SS12 Datasheet
175Kb / 3P
   1.0A Surface Mount Schottky Rectifier
MFPS2S TAITRON-MFPS2S Datasheet
193Kb / 4P
   1.0A Surface Mount Schottky Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com