Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPT-9032GC1B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFPT-9032GC1B
Description  High Performance TCXO/TCVCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPT-9032GC1B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFPT-9032GC1B Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPT-9032GC1B Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPT-9032GC1B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tri-state
Pad 5 open circuit or >0.6Vs output enabled
Pad 5 < 0.2Vs Tri-state
When Tri-stated, the output stage is disabled for all output
options, but the oscillator and compensation circuit are
still active (Current consumption <1mA)
Storage Temperature Range
–55 to 125°C
Marking Includes
C-MAC
Pin 1 / Static sensitivity identifier (Triangle)
Part Number (E and Four digits)
Device date code / Location (YWL)
Environmental Specification
To be discussed on an individual basis, contact sales
office
Minimum Order Information Required
Frequency + Model Number + Frequency Stability vs
Operating Temperature Range Code + Reference Voltage
Code + Frequency Adjustment Code
OR
Discrete part number for repeat orders
Please supply full information for non-standard options, if
required
CMAC YWL
∆ E2795
5.08
1
0.81 (x6)
±0.15
2
3
4
6
5
9.3 max
Pad Connections
1. Voltage Control*
2. Vref*
3. GND
4. Output
5. Tri-state Control (Enable)*
6. +Vs
*Leave unconnected if
not required
Temperature
260
220
180
150
120
0
360 sec max.
120sec
max
10sec
60sec max
Time
260°C max
12
3
4
5
Output
50k
Voltage
Control
Vs
Tri-state
control
6
100nF
C
L
100nF
Test Circuit
Reflow Solder Profile
Outline in mm
Output Waveform - HCMOS
t
90% (VoH-VoL)
10% (VoH-VoL)
50% (VoH-VoL)
0V
tr
tf
T
+Vs
Duty cycle = t x 100(%)
T
VoH
VoL


Similar Part No. - CFPT-9032GC1B

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-9001 IQD-CFPT-9001 Datasheet
211Kb / 3P
   TCXO Specification
CFPT-9003 IQD-CFPT-9003 Datasheet
210Kb / 3P
   TCXO Specification
CFPT-9005 IQD-CFPT-9005 Datasheet
211Kb / 3P
   TCXO Specification
CFPT-9006 IQD-CFPT-9006 Datasheet
208Kb / 4P
   TCXO Specification
CFPT-9007 IQD-CFPT-9007 Datasheet
210Kb / 3P
   TCXO Specification
More results

Similar Description - CFPT-9032GC1B

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-XADXXX NEL-AA-XADXXX Datasheet
135Kb / 4P
   LVDS TCXO/TCVCXO
AA-XADXXX-X NEL-AA-XADXXX-X Datasheet
149Kb / 4P
   LVDS TCXO/TCVCXO
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
   Stratum 3 TCXO/TCVCXO
logo
TEMEX
RFPT700 TEMEX-RFPT700 Datasheet
308Kb / 6P
   SMD Low Acceleration Sensitivity TCXO / TCVCXO
logo
MTRONPTI
M6029 MTRONPTI-M6029 Datasheet
220Kb / 1P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6029_0611 MTRONPTI-M6029_0611 Datasheet
250Kb / 2P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
ILSI America LLC
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
logo
Connor-Winfield Corpora...
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com