Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSLG-QR8080A08L-92-TR70 Datasheet(PDF) 9 Page - TAITRON Components Incorporated

Part # TSLG-QR8080A08L-92-TR70
Description  High Power LED - 1W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSLG-QR8080A08L-92-TR70 Datasheet(HTML) 9 Page - TAITRON Components Incorporated

  TSLG-QR8080A08L-92-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated TSLG-QR8080A08L-92-TR70 Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
High Power LED
TSLG-QR8080A08L
Handling Indications: Do not handle the LEDs by the lens at any time during the assembly process.
This can cause damage to the optical surfaces or may dislocate the lens if excessive force is applied.
5. Soldering Iron
For prototype builds or small series production runs it is possible to place and solder the LED by
hand.
Dispensing thermal conductive glue or grease on the substrates and follow its curing spec. Press
LED housing to closely connect LED and substrate.
It is recommended to hand solder the leads with a solder tip temperature of 280°C for less than 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal.
Be careful because the damage of the product is often started at the time of the hand solder.
How to contact us
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001
BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-54249942
Fax: +86-21-5424-9931
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 247-2232 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO
C.P. 42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
Rev. A/LL
www.taitroncomponents.com
Page 9 of 9


Similar Part No. - TSLG-QR8080A08L-92-TR70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSLG-TR8080A08L TAITRON-TSLG-TR8080A08L Datasheet
520Kb / 9P
   High Power LED - 1W
TSLG-TR8080A08L-92-TR70 TAITRON-TSLG-TR8080A08L-92-TR70 Datasheet
520Kb / 9P
   High Power LED - 1W
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
TSLG-XR8080-A08L-92-TR70 TAITRON-TSLG-XR8080-A08L-92-TR70 Datasheet
495Kb / 9P
   HIGH POWER LED
More results

Similar Description - TSLG-QR8080A08L-92-TR70

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com