Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIR-3307-TC11 Datasheet(PDF) 8 Page - Unity Opto Technology

Part # MIR-3307-TC11
Description  SMD Type Reflective Photo Sensor Subminiature Photointerrupter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIR-3307-TC11 Datasheet(HTML) 8 Page - Unity Opto Technology

  MIR-3307-TC11 Datasheet HTML 1Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 2Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 3Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 4Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 5Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 6Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 7Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 8Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 9Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MIR-3307-TC11
Taping Mechanical characteristics and specifications
1. Peeling strength of cover tape :
(1). F=0.2~0.7N(20~70gf)(measure by tension gage)
(2). Tape should not be burst by peeling.
2. Specifications :
(1). When the tape is bent to radius 30 mm, products do not fall down from the tape and tape doesn't
get any gamage.
(2). During the peeling, products do not fix to cover tape.
(3). The product which was enclossed in reverse direction or with back side up should be count as
0pcs/reel. The number of dropped parts should be 0.1% reel.
11/06/2003
Unity Opto Technology Co., Ltd.


Similar Part No. - MIR-3307-TC11

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIR-3301-P UOT-MIR-3301-P Datasheet
132Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIR-3305 UOT-MIR-3305 Datasheet
149Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIR-3305-P UOT-MIR-3305-P Datasheet
168Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIR-3306-TC11 UOT-MIR-3306-TC11 Datasheet
231Kb / 9P
   SMD Type Reflective Photo Sensor Subminiature Photointerrupter
More results

Similar Description - MIR-3307-TC11

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3306-TC11 UOT-MIR-3306-TC11 Datasheet
231Kb / 9P
   SMD Type Reflective Photo Sensor Subminiature Photointerrupter
logo
Sharp Corporation
GP2S60 SHARP-GP2S60 Datasheet
88Kb / 6P
   Subminiature, Reflective Type Photointerrupter for Automatic Mounting
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
   Light Modulation, Reflective Type Photointerrupter
logo
KODENSHI_AUK CORP.
KIR1004S KODENSHI-KIR1004S Datasheet
141Kb / 2P
   Photointerrupter(Reflective)
logo
Sharp Corporation
GP1S33 SHARP-GP1S33 Datasheet
45Kb / 4P
   Subminiature, Reflow Soldering Type Photointerrupter
GP1S092HCPI SHARP-GP1S092HCPI Datasheet
59Kb / 5P
   Subminiature, Surface Mount Type Photointerrupter
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
   Subminiature Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com